Electronic Components Datasheet Search
  English  ▼

X  

MIC2619 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC2619
Description  1.2 MHz PWM Boost Converter with OVP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2619 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC2619 Datasheet HTML 7Page - Microchip Technology MIC2619 Datasheet HTML 8Page - Microchip Technology MIC2619 Datasheet HTML 9Page - Microchip Technology MIC2619 Datasheet HTML 10Page - Microchip Technology MIC2619 Datasheet HTML 11Page - Microchip Technology MIC2619 Datasheet HTML 12Page - Microchip Technology MIC2619 Datasheet HTML 13Page - Microchip Technology MIC2619 Datasheet HTML 14Page - Microchip Technology MIC2619 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006545A-page 11
MIC2619
5.0
APPLICATIONS INFORMATION
5.1
DC-to-DC PWM Boost Conversion
The MIC2619 is a constant-frequency boost converter.
It can convert a low DC input voltage to a higher DC
output voltage. Figure 5-1 shows a typical circuit. Boost
regulation is achieved by turning on an internal switch,
which draws current through the inductor. When the
switch turns off, the inductor’s magnetic field collapses.
This causes the current to be discharged into the
output capacitor through an external Schottky diode
(D1). The Electrical Characteristics show Input Voltage
ripple, Output Voltage ripple, SW Voltage, and Inductor
Current for 10 mA load current. Regulation is achieved
by modulating the pulse width i.e., pulse-width
modulation (PWM).
FIGURE 5-1:
Typical Application Circuit.
5.2
Duty Cycle Considerations
Duty cycle refers to the switch on-to-off time ratio and
can be calculated as follows for a boost regulator:
EQUATION 5-1:
However, at light loads, the inductor will completely
discharge before the end of a switching cycle. The
current in the inductor reaches 0A before the end of the
switching cycle. This is known as discontinuous
conduction mode (DCM). DCM occurs when:
EQUATION 5-2:
In DCM, the duty cycle is smaller than in continuous
conduction mode. In DCM, the duty cycle is given by:
EQUATION 5-3:
The duty cycle required for voltage conversion should
be less than the maximum duty cycle of 85%. Also, in
light load conditions where the input voltage is close to
the output voltage, the minimum duty cycle can cause
pulse skipping. This is due to the energy stored in the
inductor causing the output to slightly overshoot the
regulated output voltage. During the next cycle, the
error amplifier detects the output as being high and
skips the following pulse. This effect can be reduced by
increasing the minimum load or by increasing the
inductor value. Increasing the inductor value also
reduces the peak current.
5.3
Input Capacitors
A 1 µF ceramic capacitor is recommended on the VIN
pin for bypassing. Increasing input capacitance will
improve performance and provide greater noise
immunity. The input capacitor should be as close as
possible to the inductor and the MIC2619, with short
traces for good noise performance.
X5R or X7R dielectrics are recommended for the input
capacitor. Y5V dielectrics lose most of their
capacitance over temperature and are therefore not
recommended. Also, tantalum and electrolytic
capacitors alone are not recommended because of
their reduced RMS current handling, reliability, and
ESR increases.
5.4
Output Capacitors
Output capacitor selection is also a trade-off between
performance, size, and cost. The minimum
recommended output capacitor is 1 µF. Increasing
output capacitance will lead to an improved transient
response but also an increase in size and cost. X5R or
X7R dielectrics are recommended for the output
capacitor. Y5V dielectrics lose most of their
capacitance over temperature and are therefore not
recommended.
10μH
1μF
1μF
2
5
1
4
6
MIC2619YD6
VIN
EN
SW
OVP
GND
FB
3
VIN
2.8V - 6.5V
VOUT
30V
D
1
VIN
VOUT
-------------
–
=
IOUT
VIN
VOUT
-------------
IPEAK
2
--------------
Where:
IPEAK
VOUT VIN
–
L f
---------------------------------
VIN
VOUT
-------------
=
D
f
2 L
IOUT
VOUT VIN
–
VIN
-----------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com