Electronic Components Datasheet Search
  English  ▼

X  

MIC2619 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC2619
Description  1.2 MHz PWM Boost Converter with OVP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2619 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC2619 Datasheet HTML 8Page - Microchip Technology MIC2619 Datasheet HTML 9Page - Microchip Technology MIC2619 Datasheet HTML 10Page - Microchip Technology MIC2619 Datasheet HTML 11Page - Microchip Technology MIC2619 Datasheet HTML 12Page - Microchip Technology MIC2619 Datasheet HTML 13Page - Microchip Technology MIC2619 Datasheet HTML 14Page - Microchip Technology MIC2619 Datasheet HTML 15Page - Microchip Technology MIC2619 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MIC2619
DS20006545A-page 12
2022 Microchip Technology Inc. and its subsidiaries
5.5
Inductor
Inductor selection will be determined by the following
(not necessarily in order of importance)
• Inductance
• Rated current value
• Size requirements
• DC resistance (DCR)
The MIC2619 was designed for use with a 10 µH
inductor. Proper selection should ensure the inductor
can handle the maximum average and peak currents
required by the load. Maximum current ratings of the
inductor are generally given in two methods;
permissible DC current and saturation current.
Permissible DC current can be rated either for a 40°C
temperature rise or a 10% to 20% loss in inductance.
Ensure the inductor selected can handle the maximum
operating current. When saturation current is specified,
make sure that there is enough margin so that the peak
current will not saturate the inductor. Peak current can
be calculated as follows:
EQUATION 5-4:
As shown by Equation 5-4, the peak inductor current is
inversely proportional to the switching frequency and
the inductance; the lower the switching frequency or
the inductance the higher the peak current. As input
voltage increases, the peak current also increases.
The size of the inductor depends on the requirements
of the application.
DC resistance (DCR) is also important. While DCR is
inversely proportional to size, DCR can represent a
significant efficiency loss.
To maintain stability, increasing inductor size will have
to be met with an increase in output capacitance. This
is due to the unavoidable “right half plane zero” (RHPZ)
effect for the continuous current boost converter
topology. The frequency at which the right half plane
zero occurs can be calculated as follows:
EQUATION 5-5:
The right half plane zero has the undesirable effect of
increasing gain, while decreasing phase. This requires
that the loop gain is rolled off before this has significant
effect on the total loop response. This can be
accomplished
by
either
reducing
inductance
(increasing RHPZ frequency) or increasing the output
capacitor value (decreasing loop gain).
5.6
Diode Selection
The MIC2619 requires an external diode for operation.
A Schottky diode is recommended for most
applications due to their lower forward voltage drop and
reverse recovery time. Ensure the diode selected can
deliver the peak inductor current and the maximum
reverse voltage is rated greater than the output voltage.
5.7
Soft-Start
Feed-forward capacitors can be used to provide
soft-start for the MIC2619. Figure 5-2 shows a typical
circuit for soft-start applications. Typically, a 0.22 nF
feed-forward capacitor will yield 5 ms in rise time.
FIGURE 5-2:
Soft-Start Circuit.
5.8
Feedback Resistors
The MIC2619 utilizes a feedback pin to compare the
output to an internal reference. The output voltage is
adjusted by selecting the appropriate feedback resistor
network values. Using the evaluation board schematic
as a reference, the desired output voltage can be
calculated as follows:
EQUATION 5-6:
Overvoltage protection uses the same equation as the
feedback pin.
EQUATION 5-7:
IPEAK
IOUT VOUT
+
1 VOUT
–
VIN
2 f
L
--------------------------------------
=
f
VIN
2
VOUT L
IOUT
2
-------------------------------------------------------
=
10μH
1μF
1μF
2
5
1
4
6
MIC2619YD6
VIN
EN
SW
OVP
GND
FB
3
VIN
2.8V - 6.5V
CFF
VOUT VREF R4
R5
------- 1
+
=
Where:
VREF = 1.265V
VOVP VREF R1
R2
------- 1
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com