Electronic Components Datasheet Search
  English  ▼

X  

MIC2774 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC2774
Description  Dual Micropower Low Voltage Supervisor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2774 Datasheet(HTML) 5 Page - Microchip Technology

  MIC2774 Datasheet HTML 1Page - Microchip Technology MIC2774 Datasheet HTML 2Page - Microchip Technology MIC2774 Datasheet HTML 3Page - Microchip Technology MIC2774 Datasheet HTML 4Page - Microchip Technology MIC2774 Datasheet HTML 5Page - Microchip Technology MIC2774 Datasheet HTML 6Page - Microchip Technology MIC2774 Datasheet HTML 7Page - Microchip Technology MIC2774 Datasheet HTML 8Page - Microchip Technology MIC2774 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
2022 Microchip Technology Inc.
DS20006527A-page 5
MIC2774
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin Number
MIC2774H
Pin Number
MIC2774L
MIC2774N
Pin Name
Description
1
—
RST
Digital (Output): Asserted high whenever VIN or VDD falls below the
threshold voltage. It will remain asserted for no fewer than 140 ms
after VIN and VDD return above the threshold limits.
—
1
/RST
Digital (Output): Asserted low whenever VIN or VDD falls below the
threshold voltage. It will remain asserted for no fewer than 140 ms
after VIN and VDD return above the threshold limits. (Open-drain for
“N” version, requires an external pull-up resistor).
2
2
GND
Ground.
3
3
/MR
Digital (Input): Driving this pin low initiates immediate and uncondi-
tional reset. Assuming VIN and VDD are above the thresholds when
/MR is released (returns high), the reset output will be de-asserted no
fewer than 140 ms later. /MR may be driven by a logic signal or a
mechanical switch. /MR has an internal pull-up to VDD and may be left
open if unused.
4
4
IN
Analog (Input): The voltage on this pin is compared to the internal
300 mV reference. An undervoltage condition will trigger a reset
sequence.
5
5
VDD
Analog (Input): Power supply input for internal circuitry and input to
the fixed voltage monitor. The voltage on this pin is compared against
the internal reference. An undervoltage condition will trigger a reset
sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com