Electronic Components Datasheet Search
  English  ▼

X  

MIC2774 Datasheet(PDF) 9 Page - Microchip Technology

Part # MIC2774
Description  Dual Micropower Low Voltage Supervisor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2774 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MIC2774 Datasheet HTML 5Page - Microchip Technology MIC2774 Datasheet HTML 6Page - Microchip Technology MIC2774 Datasheet HTML 7Page - Microchip Technology MIC2774 Datasheet HTML 8Page - Microchip Technology MIC2774 Datasheet HTML 9Page - Microchip Technology MIC2774 Datasheet HTML 10Page - Microchip Technology MIC2774 Datasheet HTML 11Page - Microchip Technology MIC2774 Datasheet HTML 12Page - Microchip Technology MIC2774 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
2022 Microchip Technology Inc.
DS20006527A-page 9
MIC2774
4.6
Ensuring Proper Operation at Low
Supply
At VDD levels below 1.2V, the MIC2774’s reset output
cannot turn on sufficiently to produce a valid logic-low
on /RST. In this situation, circuits driven by /RST could
be allowed to float, causing undesired operation. In
most cases, however, it is expected that the circuits
driven by the MIC2774L will be similarly inoperative at
VDD ≤ 1.2V.
If a given application requires that /RST be valid below
VDD = 1.2V, this can be accomplished by adding a
pull-down resistor to the /RST output. A value of
100 kΩ is recommended because this is usually an
acceptable compromise of quiescent current and
pull-down current. The resistor’s value is not critical,
however. See Figure 4-5.
These statements also apply to the MIC2774H’s RST
output. That is, to ensure valid RST signal levels at VDD
< 1.2V, a pull-up resistor (as opposed to a pull-down)
should be added to the RST output. A value of 100 kΩ
is typical for this application, as well. See Figure 4-6.
FIGURE 4-5:
MIC2774L Valid /RST Below
1.2V.
FIGURE 4-6:
MIC2774H Valid RST Below
1.2V.
IN
/RST
VDD
/MR
GND
MIC2774L-XX
R1
R2
/RESET
VCC
GND
V
CC
MANUAL
RESET
MICROPROCESSOR
R PULL-DOWN
IN
RST
VDD
/MR
GND
MIC2774H-XX
R1
R2
RESET
VCC
GND
V
CC
MANUAL
RESET
MICROPROCESSOR
R PULL-UP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com