Electronic Components Datasheet Search
  English  ▼

X  

MIC2774 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC2774
Description  Dual Micropower Low Voltage Supervisor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2774 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC2774 Datasheet HTML 7Page - Microchip Technology MIC2774 Datasheet HTML 8Page - Microchip Technology MIC2774 Datasheet HTML 9Page - Microchip Technology MIC2774 Datasheet HTML 10Page - Microchip Technology MIC2774 Datasheet HTML 11Page - Microchip Technology MIC2774 Datasheet HTML 12Page - Microchip Technology MIC2774 Datasheet HTML 13Page - Microchip Technology MIC2774 Datasheet HTML 14Page - Microchip Technology MIC2774 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
2022 Microchip Technology Inc.
DS20006527A-page 11
MIC2774
TABLE 5-1:
STANDARD VOLTAGE OPTIONS
Voltage Code
Typical Application (VDD)
Nominal Threshold Voltage (VTH)
46
5.0V ±5%
4.68V
44
5.0V ±10%
4.43V
31
3.3V ±5%
3.09V
29
3.3V ±10%
2.93V
28
3.0V ±5%
2.81V
26
2.85V ±5%
2.67V
25
2.7V ±5%
2.53V
23
2.5V ±5%
2.34V
22
2.4V ±5%
2.25V
17
1.8V ±5%
1.69V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com