Electronic Components Datasheet Search
  English  ▼

X  

MIC2774 Datasheet(PDF) 15 Page - Microchip Technology

Part # MIC2774
Description  Dual Micropower Low Voltage Supervisor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2774 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MIC2774 Datasheet HTML 10Page - Microchip Technology MIC2774 Datasheet HTML 11Page - Microchip Technology MIC2774 Datasheet HTML 12Page - Microchip Technology MIC2774 Datasheet HTML 13Page - Microchip Technology MIC2774 Datasheet HTML 14Page - Microchip Technology MIC2774 Datasheet HTML 15Page - Microchip Technology MIC2774 Datasheet HTML 16Page - Microchip Technology MIC2774 Datasheet HTML 17Page - Microchip Technology MIC2774 Datasheet HTML 18Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
2022 Microchip Technology Inc.
DS20006527A-page 15
MIC2774
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC2774H-17YM5-TR: MIC2774, Push-Pull Active-
High, 1.69V, –40°C to +85°C,
5-Lead SOT-23, 3,000/Reel
b) MIC2774H-31YM5-TR:
MIC2774, Push-Pull Active-
High, 3.09V, –40°C to +85°C,
5-Lead SOT-23, 3,000/Reel
c) MIC2774L-23YM5-TR:
MIC2774, Push-Pull Active-
Low, 2.34V, –40°C to +85°C,
5-Lead SOT-23, 3,000/Reel
d) MIC2774L-46YM5-TR:
MIC2774, Push-Pull Active-
High, 4.68V, –40°C to +85°C,
5-Lead SOT-23, 3,000/Reel
e) MIC2774N-26YM5-TR:
MIC2774, Open-Drain
Active-Low, 1.69V, –40°C to
+85°C, 5-Lead SOT-23,
3,000/Reel
f) MIC2774N-44YM5-TR:
MIC2774, Open-Drain
Active-Low, 4.43V, –40°C to
+85°C, 5-Lead SOT-23,
3,000/Reel
Device:
MIC2774:
Dual Micro-Power Low Voltage Supervisor
Reset Output:
H
=
Push-Pull Active-High (RST)
L
=
Push-Pull Active-Low (/RST)
N
=
Open-Drain Active-Low (/RST)
Voltage Code:
46 =
4.68V
44 =
4.43V
31 =
3.09V
29 =
2.93V
28 =
2.81V
26 =
2.67V
25 =
2.53V
23 =
2.34V
22 =
2.25V
17 =
1.69V
Temperature
Range:
Y
=
–40°C to +85°C
Package:
M5 =
5-Lead SOT-23
Media Type:
TR =
3,000/Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
Device
X
-XX
X
XX
-XX
Part No.
Reset
Output
Voltage
Code
Temp.
Range
Package
Media Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com