Electronic Components Datasheet Search
  English  ▼

X  

LTM2887 Datasheet(PDF) 30 Page - Analog Devices

Part # LTM2887
Description  7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2887 Datasheet(HTML) 30 Page - Analog Devices

Back Button LTM2887 Datasheet HTML 22Page - Analog Devices LTM2887 Datasheet HTML 23Page - Analog Devices LTM2887 Datasheet HTML 24Page - Analog Devices LTM2887 Datasheet HTML 25Page - Analog Devices LTM2887 Datasheet HTML 26Page - Analog Devices LTM2887 Datasheet HTML 27Page - Analog Devices LTM2887 Datasheet HTML 28Page - Analog Devices LTM2887 Datasheet HTML 29Page - Analog Devices LTM2887 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
LTM2810
30
Rev. A
ANALOG DEVICES, INC. 2019-2022
03/22
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LTM2881
Isolated RS485/RS422 µModule Transceiver with Integrated DC/DC Converter
20Mbps 2500VRMS Isolation with Power in LGA/BGA
Package
LTM2882
Dual Isolated RS232 µModule Transceiver with Integrated DC/DC Converter
2500VRMS Isolation with Power in LGA/BGA Package
LTM2883
SPI/Digital or I2C Isolated µModule with Adjustable 5V, and ±12.5V Nominal
Voltage Rails
2500VRMS Isolation with Power in BGA Package
LTM2884
Isolated High Speed USB µModule with Integrated DC/DC Converter
2500VRMS Isolation with Power in BGA Package
LTM2885
Isolated RS485/RS422 µModule Transceiver with Integrated DC/DC Converter
20Mbps 6500VRMS Isolation with Power in BGA
Package
LTM2886
SPI/Digital or I2C Isolated µModule with Adjustable 5V, and Fixed ±5V Power Rails 2500VRMS Isolation with Power in BGA Package
LTM2887
SPI/Digital or I2C Isolated µModule with Two Adjustable 5V Rails
2500VRMS Isolation with Power in BGA Package
LTM2889
Isolated CAN µModule Transceiver with Integrated DC/DC Converter
4Mbps 2500VRMS Isolation with Power in BGA Package
LTM2892
SPI/Digital or I2C Isolated µModule
3500VRMS Isolation in BGA Package
LTM2893
Complete 100MHz SPI ADC µModule Isolator
6000VRMS Isolation in BGA Package
LTM2894
Complete Isolated USB µModule Transceiver
7500VRMS Isolation in BGA Package
LTM2895
Complete 100MHz DAC SPI Serial Interface µModule Isolator
6000VRMS Isolation in BGA Package
LTM9100
Anyside™ Isolated Switch Controller with I2C Command and Telemetry
5000VRMS Isolation in BGA Package, 10-Bit Current
LTC®2946
Wide Range I2C Power, Energy and Charge Monitor
0V to 100V Operation, 12-Bit ADC with ±0.4% TUE
LTC2947
30A Integrated Sense Resistor I2C Power, Energy and Charge Monitor
0V to 15V Operation, 16-Bit ADC
LTC7003
Fast 60V Protected High Side NMOS Static Switch Driver
3.5V to 60V Operation, IQ = 35µA, Turn-On (CL = 1nF)
= 35ns, Internal Charge Pump
Figure 19. High Voltage 30A Power/Energy Monitor with Integrated Sense Resistor
SCL
SDA
DO3
ST2 ST1
VCC
VL
PVCC
VIN
ON
SDA2
I3
10k
ON2
VL2
BAT54
TR1
5V
SCL
SDA
ALERT
GND
LTM2810-I
GND2
2810 F19
•
•
•
•
BAT54
2.2µF
SCL2
5k
300µ
5k
BYP
AD1
AD0
DGND
AGND
LTC2947
CFM
VP
VM
SCL
SDI
SDO
ALERT
OVDD
DVDD
AVCC
1M
IP
INPUT SUPPLY
CLKO
CLKI
CFP
0.1µF
0.1µF
SUPPLY RETURN
1µF
TO LOAD
1µF
TR1: BH ELECTRONICS LOO-3422
WURTH ELEKTRONIK 750316917



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com