Electronic Components Datasheet Search
  English  ▼

X  

HV858 Datasheet(PDF) 7 Page - Supertex, Inc

Part # HV858
Description  Tri-EL Lamp Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV858 Datasheet(HTML) 7 Page - Supertex, Inc

  HV858 Datasheet HTML 1Page - Supertex, Inc HV858 Datasheet HTML 2Page - Supertex, Inc HV858 Datasheet HTML 3Page - Supertex, Inc HV858 Datasheet HTML 4Page - Supertex, Inc HV858 Datasheet HTML 5Page - Supertex, Inc HV858 Datasheet HTML 6Page - Supertex, Inc HV858 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
A011706
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 222-8888 / FAX: (408) 222-4895
www.supertex.com
©2006 Supertex inc. All rights reserved. Unauthorized use or reproduction is prohibited.
Supertex inc.
does not recommend the use of its products in life support applications, and will not knowingly sell its products for use in such applications, unless it receives an adequate
"product liability indemnification insurance agreement". Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of the devices
determined defective due to workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest
product specifications, refer to the Supertex website: http//www.supertex.com.
Doc. # DSFP-HV858
A1011706
HV858
0.010
(0.250)
DETAIL A
SEE DETAIL A
0°– 6°
GATE PLANE =
0.118±0.004
(3.000±0.100)
0.193±0.004
(4.900±0.100)
0.020±0.006
(0.500±0.152)
0.007±0.002
(0.180±0.050)
0.004±0.002
(0.100±0.050)
0.013±0.003
(0.325±0.075)
0.037±0.005
(0.950±.015)
0.118±0.004
(3.000±0.100)
0.021±0.005
(0.550±0.150)
0.033±0.004
(0.850±0.100)
Full Circle
or Half Circle
10-Lead MSOP Package Outline (MG)
10-Lead DFN/MLP Package Outline (K7)
Pin #1 Index
Pin #1 Index
0.118
(3.000)
0.118
(3.000)
0.063
(1.600)
0.087
(2.200)
0.020
(0.500)
Bottom View
Top View
0.0295±0.002
(0.75±0.05)
0.008
(0.200)
Side View
0.059
(1.500)
0.059
(1.500)
0.010
0.250
+0.002
-0.003
+0.050
-0.070 )
0.012
0.300
+0.006
-0.004
+0.150
-0.100 )
0.001
0.020
+0.001
-0.001
+0.030
-0.020 )
Dimensions in Inches
(Dimensions in Millimeters)
1. Measurement Legend =
2. MLP Package dimensions conform to JEDEC MO-229



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com