Electronic Components Datasheet Search
  English  ▼

X  

HV858 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV858
Description  Tri-EL Lamp Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV858 Datasheet(HTML) 3 Page - Supertex, Inc

  HV858 Datasheet HTML 1Page - Supertex, Inc HV858 Datasheet HTML 2Page - Supertex, Inc HV858 Datasheet HTML 3Page - Supertex, Inc HV858 Datasheet HTML 4Page - Supertex, Inc HV858 Datasheet HTML 5Page - Supertex, Inc HV858 Datasheet HTML 6Page - Supertex, Inc HV858 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
A011706
Pin Configuration
Pin
Name Description
1LX
Inductor pin
2
GND
Ground pin
3
VDD
Input voltage supply pin. It is common practice to use a bypass
capacitor as close as possible to the device on this pin.
4
SDI
Serial data input pin
5
SCK
Serial clock input pin
6
EL1
EL lamp 1 pin
7
EL2
EL lamp 2 pin
8
EL3
EL lamp 3 pin
9
COM
Common pin for one side of all 3 EL lamps
10
CS
High Voltage capacitor pin
Logic Input Conditions
The serial data input consists of a 10-bit string, 3-bits of bright-
ness control and one bit(10th bit) to optionally control the power
converter. The power converter runs if any of the EL lamps has a
non-zero brightness value or if the PWR_ON bit is high while the
other 9 bits are low.
1.
SDI may be H or L if SCK is H.
2.
SCK may be H or L if SDI is H.
3.
While inputting serial data to the shift register, SDI can
change value only when SCK is L.
4.
The previous 10 bits of serial input will be latched when
SDI makes L to H transition while SCK is H.
EL Lamp Brightness Control
The EL Lamp brightness control is a 3-bit binary number stored
in a latch, which is provided by a serial to parallel conversion shift
register.
1.
If all the 3 bits for a designated EL lamp are L, the differential
voltage across that lamp will be zero.
2.
If any of the 3 bits for a designated EL lamp is H:
a.
The 3-bit value sets the average number of cycles
for which the EL lamp voltage is non-zero.
b.
The EL lamp brightness is linearly proportional
to the binary lamp control code.
Logic Input Diagram
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
SDI
SCK
EL 1 Control
Latches
in Data
MSB of
EL1
LSB of
EL1
MSB of
EL2
LSB of
EL2
MSB of
EL3
LSB of
EL3
PWR_ON
EL 2 Control
EL 3 Control
Note:
1. Serial data is latched when SDI makes L to H transition and while SCK is H.
2. S1 is the first serial data input being fed.
HV858



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com