Electronic Components Datasheet Search
  English  ▼

X  

HV858 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV858
Description  Tri-EL Lamp Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV858 Datasheet(HTML) 1 Page - Supertex, Inc

  HV858 Datasheet HTML 1Page - Supertex, Inc HV858 Datasheet HTML 2Page - Supertex, Inc HV858 Datasheet HTML 3Page - Supertex, Inc HV858 Datasheet HTML 4Page - Supertex, Inc HV858 Datasheet HTML 5Page - Supertex, Inc HV858 Datasheet HTML 6Page - Supertex, Inc HV858 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
A011706
Tri-EL Lamp Driver IC
Features
Tri-EL lamp driver with common terminal
Independent brightness control for all 3 lamps
1.8V to 6.5V Operating Supply Voltage
Output voltage regulation
Two-pin serial data communication for control
Linear brightness control with seven steps at constant
efficiency
128kHz Fixed Switching Frequency
Split supply capability
Patented high efficiency EL lamp driver
Single miniature inductor drives all 3 lamps
Only 4 external components
Burst mode power converter for best efficiency
CMOS compatible serial interface with noise rejection
150nA max. leakage current when disabled
Power-on reset causes all outputs to be off when first
powered up
Small 10-pin MSOP package
10-pin DFN/MLP package (0.8mm thickness)
Applications
Mulit-segment, variable displays
Cell phone keypads and displays
MP3 players
Watches
General Description
The Supertex HV858 is a high voltage triple EL lamp driver
designed for driving combined EL lamps of up to 3.0 in2
(1.0 in2 each). The input supply voltage range is from 1.8V
to 6.5V. The device is designed such that the input voltage
to the inductor can be different from the input voltage to the
device (split supply). The device uses a single inductor and
a minimum number of passive components. The nominal
regulated output voltage that is applied to the EL lamp is
±95V. The HV858 has two internal oscillators, one for the
internal switching MOSFET, and the other for the high voltage
EL lamp driver. The EL lamp frequency is fixed internally at
500Hz. The power converter oscillator runs 256 times faster
than the EL lamp driver at 128kHz.
An external inductor is connected between the L
X and VDD
pins (or between the L
X pin and separate voltage source in
the case of a split supply application). A 0.002-0.01µF, 100V
capacitor is connected between the C
s pin and ground.
The switching MOSFET charges the external inductor and
discharges it into the capacitor at the C
s pin. The voltage at
C
s will start to increase. Once the voltage at Cs reaches a
nominal value of 95V, the switching MOSFET is turned OFF
to conserve power.
One side of the 3 EL lamps is connected to the Com pin of
HV858 and the other side to the EL1, EL2, and EL3 pins of the
HV858. Each EL lamp output may be independently controlled
to have one of the 7 brightness levels or can be completely
turned OFF by a 10-bit serial data input register. The 10-bit
control code has 3 bits to control the brightness level of each
EL Lamp and one bit to optionally control the power converter.
The 3-bit binary brightness control code controls the number
of 500Hz cycles (from 0 to 7) in a group of 7 cycles.
Typical Application Circuit
LX
CS
+
-
VIN
D
+
-
VDD
EL Lamp 1
7
8
9
10
6
EL Lamp 2
EL Lamp 3
HV858
CIN
Clock
Serial Data in
CDD
1
2
3
4
5
Com
EL2
CS
EL1
EL3
VDD
GND
LX
SDI
SCK
Supertex inc.
HV858
Supertex inc.
· 1235 Bordeaux Drive, Sunnyvale, CA 94089 · Tel: (408) 222-8888 · FAX: (408) 222-4895 · www.supertex.com
A011706


Similar Part No. - HV858

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV850 SUTEX-HV850 Datasheet
248Kb / 6P
High Voltage Low Noise Inductorless EL Lamp Driver
HV850 SUTEX-HV850 Datasheet
665Kb / 8P
High Voltage, Low Noise, Inductorless EL Lamp Driver
HV850MG SUTEX-HV850MG Datasheet
248Kb / 6P
High Voltage Low Noise Inductorless EL Lamp Driver
HV850MG-G SUTEX-HV850MG-G Datasheet
665Kb / 8P
High Voltage, Low Noise, Inductorless EL Lamp Driver
HV850X SUTEX-HV850X Datasheet
248Kb / 6P
High Voltage Low Noise Inductorless EL Lamp Driver
More results

Similar Description - HV858

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV857DB1 SUTEX-HV857DB1 Datasheet
437Kb / 2P
EL Lamp Driver
logo
List of Unclassifed Man...
M5003 ETC-M5003 Datasheet
108Kb / 4P
EL LAMP DRIVER IC
logo
Supertex, Inc
HV825 SUTEX-HV825_07 Datasheet
502Kb / 5P
High Voltage EL Lamp Driver IC
HV830 SUTEX-HV830_07 Datasheet
579Kb / 6P
High Voltage EL Lamp Driver IC
HV856 SUTEX-HV856 Datasheet
453Kb / 7P
High Voltage Tri-EL Lamp Driver IC
HV823LG-G SUTEX-HV823LG-G Datasheet
621Kb / 8P
High Voltage EL Lamp Driver IC
HV823 SUTEX-HV823_13 Datasheet
1Mb / 8P
High Voltage EL Lamp Driver IC
HV830 SUTEX-HV830_13 Datasheet
805Kb / 6P
High Voltage EL Lamp Driver IC
HV825 SUTEX-HV825_13 Datasheet
673Kb / 5P
High Voltage EL Lamp Driver IC
logo
SHENZHEN FUMAN ELECTRON...
SC1001 FUMAN-SC1001 Datasheet
158Kb / 5P
EL LAMP DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com