Electronic Components Datasheet Search
  English  ▼

X  

HV858 Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV858
Description  Tri-EL Lamp Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV858 Datasheet(HTML) 6 Page - Supertex, Inc

  HV858 Datasheet HTML 1Page - Supertex, Inc HV858 Datasheet HTML 2Page - Supertex, Inc HV858 Datasheet HTML 3Page - Supertex, Inc HV858 Datasheet HTML 4Page - Supertex, Inc HV858 Datasheet HTML 5Page - Supertex, Inc HV858 Datasheet HTML 6Page - Supertex, Inc HV858 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
A011706
*Any 100V fast reverse recovery diode can be used
Note: Maximum lamp size for each segment is 1.0 in2. To drive larger size lamps, any combination of EL1, EL2 and EL3 can be paralleled. However,
the 3-bit serial data input code (for each output) should be such that the paralleled outputs have the same code.
Com
EL2
LX = 68µH **
CS
CS = 3.3nF, 100V
+
-
VIN
D = IN914*
+
-
VDD
EL1
7
8
9
10
EL3
6
EL Lamp 3
(1.0 in2)
HV858
CIN = 4.7µF
Stream of
Serial Data
(1's and 0's)
CDD =
0.1µF
VDD
GND
1
2
3
4
LX
SDI
SCK
5
EL Lamp 2
(1.0 in2)
EL Lamp 1
(1.0 in2)
Typical Performance (V
DD = VIN = 3.0V)
EL1 Brightness
1
st 9-bit SDI code
Level
ft-lm
Cd/m
2
IDD (mA)
VCS
(V)
000111111
0/7
0
0
42.6
85.7
001111111
1/7
1.60
5.46
44.7
85.3
010111111
2/7
3.24
11.08
46.9
84.9
011111111
3/7
4.95
16.94
48.9
84.5
100111111
4/7
6.68
22.85
51.2
84.0
101111111
5/7
8.44
28.85
53.3
83.5
110111111
6/7
10.21
34.93
55.0
82.9
111111111
7/7
12.05
41.2
56.2
82.5
Figure 1 : Test Circuit
HV858



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com