Electronic Components Datasheet Search
  English  ▼

X  

MIC37501 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC37501
Description  5A, Low voltage uCap LDO REgulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37501 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC37501 Datasheet HTML 1Page - Micrel Semiconductor MIC37501 Datasheet HTML 2Page - Micrel Semiconductor MIC37501 Datasheet HTML 3Page - Micrel Semiconductor MIC37501 Datasheet HTML 4Page - Micrel Semiconductor MIC37501 Datasheet HTML 5Page - Micrel Semiconductor MIC37501 Datasheet HTML 6Page - Micrel Semiconductor MIC37501 Datasheet HTML 7Page - Micrel Semiconductor MIC37501 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
January 2002
5
MIC37500/37501/37502
MIC37500/37501/37502
Micrel
Applications Information
The MIC37500/01/02 is a high-performance low-dropout
voltage regulator suitable for moderate to high-current regu-
lator applications. Its 500mV dropout voltage at full load
makes it especially valuable in battery-powered systems and
as high-efficiency noise filters in post-regulator applications.
Unlike older NPN-pass transistor designs, there the minimum
dropout voltage is limited by the based-to-emiiter voltage
drop and collector-to-emitter saturation voltage, dropout per-
formance of the PNP output of these devices is limited only
by the low V
CE saturation voltage.
A trade-off for the low dropout voltage is a varying base drive
requirement. Micrel’s Super Beta PNP™ process reduces
this drive requirement to only 2% to 5% of the load current.
The MIC37500/01/02 regulator is fully protected from dam-
age due to fault conditions. Current limiting is provided. This
limiting is linear; output current during overload conditions is
constant. Thermal shutdown disables the device when the
die temperature exceeds the maximum safe operating tem-
perature. Transient protection allows device (and load) sur-
vival even when the input voltage spikes above and below
nominal. The output structure of these regulators allows
voltages in excess of the desired output voltage to be applied
without reverse current flow.
Thermal Design
Linear regulators are simple to use. The most complicated
design parameters to consider are thermal characteristics.
Thermal design requires the following application-specific
parameters:
• Maximum ambient temperature (T
A)
• Output current (I
OUT)
• Output voltage (V
OUT)
• Input voltage (V
IN)
• Ground current (I
GND)
First, calculate the power dissipation of the regulator from
these numbers and the device parameters from this datasheet.
P
D = (VIN – VOUT) IOUT + VIN IGND
where the ground current is approximated by using numbers
from the “Electrical Characteristics” or “Typical Characteris-
tics.” Then the heat sink thermal resistance is determined
with this formula:
θ
SA = ((TJ(MAX) – TA)/ PD) – (θJC + θCS)
Where T
J(MAX) ≤ 125°C and θCS is between 0°C and 2°C/W.
The heat sink may be significantly reduced in applications
where the minimum input votlage is known and is large
compared with the dropout voltage. Use a series input
resistor to drop excessive voltage and distribute the heat
between this resistor and the regulator. The low dropout
properties of Micrel Super Beta PNP regulators allow signifi-
cant reductions in regulator power dissipation and the asso-
ciated heat sink without compromising performance. When
this technique is employed, a capacitor of at least 1.0
µF is
needed directly between the input and regulator ground.
Refer to
Application Note 9 for further details and examples
on thermal design and heat sink applications.
Output Capacitor
The MIC37500/01/02 requires an output capacitor for stable
operation. As a
µCap LDO, the MIC37500/01/02 can operate
with ceramic output capacitors as long as the amount of
capacitance is 100
µF or greater. For values of output capaci-
tance lower than 100
µF, the recommended ESR range is
200m
Ω to 2Ω. The minimum value of output capacitance
recommended for the MIC37500/01/02 is 47
µF.
For 100
µF or greater the ESR range recommended is less
than 1
Ω ultra-low ESR ceramic capacitors are recommended
for output capacitance of 100
µF or greater to help improve
transient response and noise reduction at high frequency.
X7R/X5R dielectric-type ceramic capacitors are recom-
mended because of their temperature performance. X7R-
type capacitors change capacitance by 15% over their op-
erating temperature range and are the most stable type of
ceramic capacitors. Z5U and Y5V dielectric capacitors change
value by as much as 50%and 60%respectively over their
operating temperature ranges. To use a ceramic chip capaci-
tor with Y5V dielectric, the value must be much higher than an
X7R ceramic capacitor to ensure the same minimum capaci-
tance over the equivalent operating temperature range. The
MIC37500/01/02 has excellent transient response to varia-
tions in input voltage and load current. The device has been
designed to respond quickly to load current variations and
input voltage variations. Large output capacitors are not
required to obtain this performance. A standard 47
µF output
capacitor, is all that is required. Larger values help to improve
performance even further.
Input Capacitor
An input capacitor of 1.0
µF or greater is recommended when
the device is more than 4 inches away from the bulk ad supply
capacitance, or when the supply is a battery. Small, surface-
mount chip capacitors can be used for the bypassing. The
capacitor should be place within 1” of the device for optimal
performance. Larger values will help to improve ripple rejec-
tion by bypassing the input to the regulator, further improving
the integrity of the output voltage.
Transient Response and 3.3V to 2.5V, 2.5V to 1.8V or
1.65V, or 2.5V to 1.5V Conversions
The MIC37500/01/02 has excellent transient response to
variations in input voltage and load current. The device has
been designed to respond quickly to load current variations
and input voltage variations. Large output capacitors are not
required to obtain this performance. A standard 47
µF output
capacitor, is all that is required. Larger values help to improve
performance even further.
By virtue of its low-dropout voltage, this device does not
saturate into dropout as readily as similar NPN-based de-
signs. When converting from 3.3V to 2.5V, 2.5V to 1.8V or
1.65V, or 2.5V to 1.5V, the NPN-based regulators are already
operating in dropout, with typical dropout requirements of
1.2V or greater. To convert down to 2.5V without operating in
dropout, NPN-based regulators require an input voltage of
3.7V at the very least. The MIC37500/01/02 regulator will
provide excellent performance with an input as low as 3.0V or
2.25V, respectively. This gives the PNP-based regulators a
distinct advantage over older, NPN-based linear regulators.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com