Electronic Components Datasheet Search
  English  ▼

X  

MIC37501 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC37501
Description  5A, Low voltage uCap LDO REgulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37501 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC37501 Datasheet HTML 1Page - Micrel Semiconductor MIC37501 Datasheet HTML 2Page - Micrel Semiconductor MIC37501 Datasheet HTML 3Page - Micrel Semiconductor MIC37501 Datasheet HTML 4Page - Micrel Semiconductor MIC37501 Datasheet HTML 5Page - Micrel Semiconductor MIC37501 Datasheet HTML 6Page - Micrel Semiconductor MIC37501 Datasheet HTML 7Page - Micrel Semiconductor MIC37501 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MIC37500/37501/37502
Micrel
MIC37500/37501/37502
2
January 2002
Ordering Information
Output
Part Number
Current
Voltage*
Junction Temp. Range
Package
MIC37502BR
5A
ADJ.
–40
°C to +125°C
S-Pak-7
MIC37501-1.5BR
5A
1.5V
–40
°C to +125°C
S-Pak-7
*For other voltages contact Micrel.
Pin Configuration
7
FLG/ADJ
6
VOUT
5
VOUT
4
GND
3
VIN
2
VIN
1EN
S-PAK7
Pin Description
Pin Number
Pin Name
Pin Function
1
EN
Enable (Input): CMOS compatible input. Logic high = enable, logic
low = shutdown
2, 3
VIN
Input voltage which supplies current to the output power device. Connect
pins 2 and 3 together externally.
4
GND
Ground (TAB is connected to ground on S-Pak)
5, 6
VOUT
Regulator Output. Connect pins 5 and 6 together externally.
7
FLG.
Error Flag (Output): Open collector output. Active low indicates an output
fault condition.
ADJ.
Adjustable regulator feedback input. Connect to resistor voltage divider.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com