Electronic Components Datasheet Search
  English  ▼

X  

MIC37501 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC37501
Description  5A, Low voltage uCap LDO REgulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37501 Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC37501 Datasheet HTML 1Page - Micrel Semiconductor MIC37501 Datasheet HTML 2Page - Micrel Semiconductor MIC37501 Datasheet HTML 3Page - Micrel Semiconductor MIC37501 Datasheet HTML 4Page - Micrel Semiconductor MIC37501 Datasheet HTML 5Page - Micrel Semiconductor MIC37501 Datasheet HTML 6Page - Micrel Semiconductor MIC37501 Datasheet HTML 7Page - Micrel Semiconductor MIC37501 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MIC37500/37501/37502
Micrel
MIC37500/37501/37502
6
January 2002
Minimum Load Current
The MIC37500/01/02 regulator is specified between finite
loads. If the output current is too small, leakage currents
dominate and the output voltage rises. A 10mA minimum load
current is necessary for proper operation.
Error Flag
The MIC37501 features an error flag circuit that monitors the
output voltage and signals an error condition when the
voltage 5% below the nominal output voltage. The error flag
is an open-collector output that can sink 10mA during a fault
condition.
Low output voltage can be caused by a number of problems,
including an overcurrent fault (device in current limit) or low
input voltage. The flag is inoperative during overtemperature
shutdown.
Enable Input
The MIC37501/37502 also feature an enable input for on/off
control of the device. Its shutdown state draws “zero” current
(only micoamperes of leakage). The enable input is TTL/
CMOS compatible for simple logic interface, but can be
connected to up to V
IN. When enabled, it draws approxi-
mately 15
µA.
Adjustable Regulator Design
IN
R1
VOUT
VIN
COUT
R2
EN
OUT
ADJ
GND
MIC37502
ENABLE
SHUTDOWN
V
1.240V 1
R1
R2
OUT =+


Figure 2. Adjustable Regulator with Resistors
The MIC37502 allows programming the output voltage any-
where between 1.24V and the 5.5V maximum operating
rating of the family. Two resistors are used. Resistors can be
quite large, up to 1M
Ω, because of the very high input
impedance and low bias current of the sense comparator:
The resistor values are calculated by:
R1 R2
V
1.240
1
OUT
=−


Where V
OUT is the desired output voltage. Figure 2 shows
component definition. Applications with widely varying load
currents may scale the resistors to draw the minimum load
current required for proper operation (see above).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com