Electronic Components Datasheet Search
  English  ▼

X  

MIC37501 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC37501
Description  5A, Low voltage uCap LDO REgulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37501 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC37501 Datasheet HTML 1Page - Micrel Semiconductor MIC37501 Datasheet HTML 2Page - Micrel Semiconductor MIC37501 Datasheet HTML 3Page - Micrel Semiconductor MIC37501 Datasheet HTML 4Page - Micrel Semiconductor MIC37501 Datasheet HTML 5Page - Micrel Semiconductor MIC37501 Datasheet HTML 6Page - Micrel Semiconductor MIC37501 Datasheet HTML 7Page - Micrel Semiconductor MIC37501 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
January 2002
1
MIC37500/37501/37502
MIC37500/37501/37502
Micrel
MIC37500/37501/37502
5A, Low Voltage
µCap LDO Regulator
Advance Information
General Description
The Micrel MIC37500/01/02 is a 5A low-dropout linear volt-
age regulator that provides a low voltage, high current output
with a minimum of external components. It offers high preci-
sion, ultra low dropout (500mV), and low ground current.
The MIC37500/01/02 operates from an input of 2.3V to 6.0V.
It is designed to drive digital circuits requiring low voltage at
high currents (i.e. PLDs, DSP, microcontroller, etc.). It is
available in fixed and adjustable output voltages. Fixed
voltages include 1.5V. The adjustable version is capable of
1.24V to 5.5V.
Features of the MIC37500/01/02 LDO include thermal and
current limit protection, and reverse current & reverse battery
protection. Logic enable and error flag pins are available.
Junction temperature range of the MIC37500/01/02 is from
–40
°C to 125°C.
For applications requiring input voltage greater than 6.0V,
see MIC3910x, MIC3915x, MIC3930x, and MIC3950x LDOs.
Typical Application
VOUT
VIN
VOUT
VIN
FLG
GND
VEN
COUT
100
µF, Ceramic
100k
MIC37500
VIN = 3.0V
VOUT = 2.5V
CIN
Fixed 2.5V Regulator with Error Flag
Features
• 5A minimum guaranteed output current
• 500mV maximum dropout voltage
Ideal for 3.0V to 2.5V conversion
Ideal for 2.5V to 1.8V, 1.65V, or 1.5V conversion
• Stable with ceramic or tantalum capacitor
• Wide Input voltage range:
V
IN: 2.3V to 6.0V
•
±1.0% initial output tolerance
• Fixed and adjustable output voltages
• Excellent line and load regulation specifications
• Logic controlled shutdown
• Thermal shutdown and current limit protection
• Reverse-leakage protection
• Low profile S-Pak package
Applications
• LDO linear regulator for low-voltage digital IC
• PC add-in cards
• High efficiency linear power supplies
• SMPS post regulator
• Battery charger
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
SuperSwitcher is a trademark of Micrel, Inc.
VOUT
VIN
VOUT
VIN
ADJ
GND
VEN
COUT
100
µF, Ceramic
R1
R2
1.3V
MIC37502
VIN
CIN
Adjustable Regulator


Similar Part No. - MIC37501

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37501 MICREL-MIC37501 Datasheet
393Kb / 11P
5A, Low Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501 Datasheet
346Kb / 11P
5A, Low Voltage 關Cap LDO Regulator
MIC37501-1.5BR MICREL-MIC37501-1.5BR Datasheet
393Kb / 11P
5A, Low Voltage 關Cap LDO Regulator
MIC37501-1.5BR MICREL-MIC37501-1.5BR Datasheet
346Kb / 11P
5A, Low Voltage 關Cap LDO Regulator
MIC37501-1.5WR MICREL-MIC37501-1.5WR Datasheet
393Kb / 11P
5A, Low Voltage 關Cap LDO Regulator
More results

Similar Description - MIC37501

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
Low Quiescent Current 500mA UCap LDO Regulator
MIC5233 MICREL-MIC5233 Datasheet
62Kb / 9P
High Input Voltage, Low IQ uCap LDO Regulator
MIC37252 MICREL-MIC37252 Datasheet
76Kb / 8P
2.5A, Low Voltage UCap LDO Regulator
MIC37139 MICREL-MIC37139 Datasheet
156Kb / 10P
1.5A, LOW VOLTAGE UCAP LDO REGULATOR
MIC37300 MICREL-MIC37300 Datasheet
164Kb / 12P
3.0A, LOW VOLTAGE UCAP LDO REGULATOR
MIC37150 MICREL-MIC37150 Datasheet
146Kb / 10P
1.5 A LOW VOLTAGE UCAP LDO REGULATOR
MIC5265 MICREL-MIC5265 Datasheet
262Kb / 11P
150mA uCap LDO Regulator
MIC69502 MICREL-MIC69502 Datasheet
230Kb / 9P
5A, Low VIN, Low VOUT uCap LDO Regulator
logo
Silan Microelectronics ...
SA1084 SILAN-SA1084 Datasheet
451Kb / 10P
5A LDO VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS1084 AMS-AMS1084 Datasheet
1Mb / 11P
5A LDO VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com