Electronic Components Datasheet Search
  English  ▼

X  

GL05T Datasheet(PDF) 4 Page - Vishay Siliconix

Part # GL05T
Description  Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GL05T Datasheet(HTML) 4 Page - Vishay Siliconix

  GL05T Datasheet HTML 1Page - Vishay Siliconix GL05T Datasheet HTML 2Page - Vishay Siliconix GL05T Datasheet HTML 3Page - Vishay Siliconix GL05T Datasheet HTML 4Page - Vishay Siliconix GL05T Datasheet HTML 5Page - Vishay Siliconix GL05T Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
GL05T to GL24T
www.vishay.com
Vishay Semiconductors
Not for New Designs
Rev. 2.5, 20-May-2021
4
Document Number: 85809
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Typical Forward Current IF vs. Forward Voltage VF
Fig. 2 - Typical Forward Current IF vs. Forward Voltage VF
Fig. 3 - Typical Reverse Voltage VR vs. Reverse Current IR
ELECTRICAL CHARACTERISTICS GL24T (Tamb = 25 °C unless otherwise specified)
pin 1 to pin 2; pin 3 not connected
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
--
1
lines
Reverse stand-off voltage
Max. reverse working voltage
VRWM
--
24
V
Reverse voltage
at IR = 1 μA
VR
24
-
-
V
Reverse current
at VR = 24 V
IR
--
1
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
26.7
28.2
33
V
Reverse clamping voltage
at IPP = 1 A
VC
--
43
V
at IPP = 5 A
-
-
55
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-2.5
5
pF
10
100
1
0.01
0.1
0.001
0.2
0.4
0.6
0.8
1
Pin 3 - 2
VF in V
10
100
1
0.01
0.1
0.001
0.5
0.6
0.7
0.8
0.9
Pin 3 - 1
VF in V
IR in µA
30
35
15
20
25
5
10
15
0
0.01
0.1
1
10
100
1000
10 000 100 000
GL24T
GL15T
GL05T
GL12T
T
J = 25 °C
Pin 1 - 3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com