Electronic Components Datasheet Search
  English  ▼

X  

GL05T Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GL05T
Description  Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GL05T Datasheet(HTML) 2 Page - Vishay Siliconix

  GL05T Datasheet HTML 1Page - Vishay Siliconix GL05T Datasheet HTML 2Page - Vishay Siliconix GL05T Datasheet HTML 3Page - Vishay Siliconix GL05T Datasheet HTML 4Page - Vishay Siliconix GL05T Datasheet HTML 5Page - Vishay Siliconix GL05T Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
GL05T to GL24T
www.vishay.com
Vishay Semiconductors
Not for New Designs
Rev. 2.5, 20-May-2021
2
Document Number: 85809
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
The GLxxT contains an avalanche diode (pin 3-1) and a switching diode (pin 3-2). With pin 1 connected to the signal or data line
and pin 2 connected to ground both diodes are in series (pin 3 remains unconnected). The big and robust avalanche diode,
driven in reverse direction, provides the working range VRWM of 5 V, 12 V, 15 V or 24 V. Due to its size the capacitance of the
avalanche diode is in the range of typ. 260 pF (GL05T) and 65 pF (GL24T). The small switching diode in series has a low
capacitance of just 2.5 pF (typ.). As both diodes are in series (with pin 3 not connected) the total capacitance of both diodes
measured between pin 1 and 2 is as low as the capacitance of the switching diode.
Before the GLxxT can provide this low capacitance the big capacitance of the avalanche diode has to be charged up with the
first signal or data pulses. This is usually no problem for digital signals like USB or other data ports.
With the GLxxT a signal or data line can be protected against positive transients only. For negative transients another GLxxT
can be used to provide a back path for the negative transients as well.
ABSOLUTE MAXIMUM RATINGS GL05T
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Peak pulse current
8/20 μs
Pin 1-2 (pin 3 n.c.)
IPPM
25
A
Peak pulse power
8/20 μs waveform
PPP
300
W
ESD immunity
Contact discharge acc. IEC 61000-4-2; 10 pulses
VESD
± 8
kV
Air discharge acc. IEC 61000-4-2; 10 pulses
± 15
kV
Blocking voltage
IB = 1 μA
Pin 2-1 or pin 2-3
VB
70
V
Operating temperature
Junction temperature
TJ
-55 to +150
°C
Storage temperature
TSTG
-55 to +150
°C
ABSOLUTE MAXIMUM RATINGS GL12T
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Peak pulse current
8/20 μs
Pin 1-2 (pin 3 n.c.)
IPPM
12
A
Peak pulse power
8/20 μs waveform
PPP
300
W
ESD immunity
Contact discharge acc. IEC 61000-4-2; 10 pulses
VESD
± 8
kV
Air discharge acc. IEC 61000-4-2; 10 pulses
± 15
kV
Blocking voltage
IB = 1 μA
Pin 2-1 or pin 2-3
VB
70
V
Operating temperature
Junction temperature
TJ
-55 to +150
°C
Storage temperature
TSTG
-55 to +150
°C
ABSOLUTE MAXIMUM RATINGS GL15T
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Peak pulse current
8/20 μs
Pin 1-2 (pin 3 n.c.)
IPPM
10
A
Peak pulse power
8/20 μs waveform
PPP
300
W
ESD immunity
Contact discharge acc. IEC 61000-4-2; 10 pulses
VESD
± 8
kV
Air discharge acc. IEC 61000-4-2; 10 pulses
± 15
kV
Blocking voltage
IB = 1 μA
Pin 2-1 or pin 2-3
VB
70
V
Operating temperature
Junction temperature
TJ
-55 to +150
°C
Storage temperature
TSTG
-55 to +150
°C
ABSOLUTE MAXIMUM RATINGS GL24T
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Peak pulse current
8/20 μs
Pin 1-2 (pin 3 n.c.)
IPPM
5A
Peak pulse power
8/20 μs waveform
PPP
300
W
ESD immunity
Contact discharge acc. IEC 61000-4-2; 10 pulses
VESD
± 8
kV
Air discharge acc. IEC 61000-4-2; 10 pulses
± 15
kV
Blocking voltage
IB = 1 μA
Pin 2-1 or pin 2-3
VB
70
V
Operating temperature
Junction temperature
TJ
-55 to +150
°C
Storage temperature
TSTG
-55 to +150
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com