Electronic Components Datasheet Search
  English  ▼

X  

GL05T Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GL05T
Description  Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GL05T Datasheet(HTML) 1 Page - Vishay Siliconix

  GL05T Datasheet HTML 1Page - Vishay Siliconix GL05T Datasheet HTML 2Page - Vishay Siliconix GL05T Datasheet HTML 3Page - Vishay Siliconix GL05T Datasheet HTML 4Page - Vishay Siliconix GL05T Datasheet HTML 5Page - Vishay Siliconix GL05T Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GL05T to GL24T
www.vishay.com
Vishay Semiconductors
Not for New Designs
Rev. 2.5, 20-May-2021
1
Document Number: 85809
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Low Capacitance ESD Protection Diodes for
High-Speed Data Interfaces
MARKING
(example only)
Bar = cathode marking
YYY = type code (see table below)
XX = date code
LINKS TO ADDITIONAL RESOURCES
FEATURES
• IEC 61000-4-5 (lightning) see IPPM below
• ESD immunity acc. IEC 61000-4-2
± 8 kV contact discharge
± 15 kV air discharge
• ESD capability according to AEC-Q101:
human body model: class H3B: > 8 kV
• SOT-23 package
• Low capacitance for high speed data lines,
cellular handsets, USB port protection, LAN
equipment, peripherals
•e3 - Sn
• AEC-Q101 qualified available
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
20512
1
17416
1
2
3
20357
YYY
333
DDD3 D
3D Models
ORDERING INFORMATION
PART
NUMBER
(EXAMPLE)
ENVIRONMENTAL AND QUALITY CODE
PACKAGING CODE
ORDERING CODE
(EXAMPLE)
AEC-Q101
QUALIFIED
RoHS-COMPLIANT +
LEAD (Pb)-FREE
TIN
PLATED
3K PER 7" REEL
(8 mm TAPE),
15K/BOX = MOQ
10K PER 13" REEL
(8 mm TAPE),
10K/BOX = MOQ
STANDARD
GREEN
GL05T-
E
3
-08
GL05T-E3-08
GL05T-
G
3
-08
GL05T-G3-08
GL05T-
H
E
3
-08
GL05T-HE3-08
GL05T-
H
G
3
-08
GL05T-HG3-08
GL05T-
E
3
-18
GL05T-E3-18
GL05T-
G
3
-18
GL05T-G3-18
GL05T-
H
E
3
-18
GL05T-HE3-18
GL05T-
H
G
3
-18
GL05T-HG3-18
PACKAGE DATA
DEVICE
NAME
PACKAGE
NAME
TYPE
CODE
ENVIRONMENTAL
STATUS
WEIGHT
MOLDING COMPOUND
FLAMMABILITY RATING
MOISTURE
SENSITIVITY LEVEL
SOLDERING
CONDITIONS
GL05T
SOT-23
L05
Standard
8.8 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
Peak temperature
max. 260 °C
L06
Green
8.1 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
Peak temperature
max. 260 °C
GL12T
SOT-23
L12
Standard
8.8 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
Peak temperature
max. 260 °C
L13
Green
8.1 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
Peak temperature
max. 260 °C
GL15T
SOT-23
L15
Standard
8.8 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
Peak temperature
max. 260 °C
L16
Green
8.1 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
Peak temperature
max. 260 °C
GL24T
SOT-23
L24
Standard
8.8 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
Peak temperature
max. 260 °C
L25
Green
8.1 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
Peak temperature
max. 260 °C


Similar Part No. - GL05T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GL05T VISHAY-GL05T Datasheet
76Kb / 3P
Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
03-Jun-03
GL05T VISHAY-GL05T Datasheet
159Kb / 6P
Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
09-Jun-11
GL05T-GS08 VISHAY-GL05T-GS08 Datasheet
159Kb / 6P
Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
09-Jun-11
GL05T-V-G-08 VISHAY-GL05T-V-G-08 Datasheet
159Kb / 6P
Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
09-Jun-11
GL05T VISHAY-GL05T_11 Datasheet
159Kb / 6P
Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
09-Jun-11
More results

Similar Description - GL05T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GL05T VISHAY-GL05T Datasheet
76Kb / 3P
Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
03-Jun-03
GL05-HT3 VISHAY-GL05-HT3 Datasheet
52Kb / 3P
Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
03-Jun-03
GL05T VISHAY-GL05T_11 Datasheet
159Kb / 6P
Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
09-Jun-11
logo
AMAZING Microelectronic...
AZ1015-02S AMAZING-AZ1015-02S Datasheet
168Kb / 10P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/06/18
AZ1515-04S AMAZING-AZ1515-04S Datasheet
220Kb / 8P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2018/01/23
AZ9C39-04S AMAZING-AZ9C39-04S Datasheet
196Kb / 7P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2021/04/12
AZ9115-04S AMAZING-AZ9115-04S Datasheet
441Kb / 12P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
AZ9153-04S AMAZING-AZ9153-04S Datasheet
315Kb / 8P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2017/10/03
AZC015-04F AMAZING-AZC015-04F Datasheet
221Kb / 12P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
AZC099-04S AMAZING-AZC099-04S Datasheet
174Kb / 12P
Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2013/08/27
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com