Electronic Components Datasheet Search
  English  ▼

X  

GL05T Datasheet(PDF) 3 Page - Vishay Siliconix

Part # GL05T
Description  Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GL05T Datasheet(HTML) 3 Page - Vishay Siliconix

  GL05T Datasheet HTML 1Page - Vishay Siliconix GL05T Datasheet HTML 2Page - Vishay Siliconix GL05T Datasheet HTML 3Page - Vishay Siliconix GL05T Datasheet HTML 4Page - Vishay Siliconix GL05T Datasheet HTML 5Page - Vishay Siliconix GL05T Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
GL05T to GL24T
www.vishay.com
Vishay Semiconductors
Not for New Designs
Rev. 2.5, 20-May-2021
3
Document Number: 85809
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
3
ground
Data line
n.c.
3
ground
Data line
n.c.
3
n.c.
ground
Data line
n.c.
n.c.
Uni
Unidirectional clamping
performance for positive
transients only.
BiSy
Bidirectional and Symmetrical
clamping performance for positive
and negative transients.
BiAs
Bidirectional and Asymmetrical
clamping performance for positive
and negative transients.
2
1
1
2
2
1
3
1
2
ELECTRICAL CHARACTERISTICS GL05T (Tamb = 25 °C unless otherwise specified)
pin 1 to pin 2; pin 3 not connected
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
--
1
lines
Reverse stand-off voltage
Max. reverse working voltage
VRWM
--
5
V
Reverse voltage
at IR = 20 μA
VR
5-
-
V
Reverse current
at VR = 5 V
IR
-
-
20
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
6.9
7.5
8.0
V
Reverse clamping voltage
at IPP = 1 A
VC
--
9.8
V
at IPP = 5 A
-
-
11
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-2.5
5
pF
ELECTRICAL CHARACTERISTICS GL12T (Tamb = 25 °C unless otherwise specified)
pin 1 to pin 2; pin 3 not connected
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
--
1
lines
Reverse stand-off voltage
Max. reverse working voltage
VRWM
--
12
V
Reverse voltage
at IR = 1 μA
VR
12
-
-
V
Reverse current
at VR = 12 V
IR
--
1
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
13.3
14.3
17.2
V
Reverse clamping voltage
at IPP = 1 A
VC
--
19
V
at IPP = 5 A
-
-
24
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-2.5
5
pF
ELECTRICAL CHARACTERISTICS GL15T (Tamb = 25 °C unless otherwise specified)
pin 1 to pin 2; pin 3 not connected
PARAMETER
TEST CONDITIONS/REMARKS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Protection paths
Number of lines which can be protected
Nchannel
--
1
lines
Reverse stand-off voltage
Max. reverse working voltage
VRWM
--
15
V
Reverse voltage
at IR = 1 μA
VR
15
-
-
V
Reverse current
at VR = 15 V
IR
--
1
μA
Reverse breakdown voltage
at IR = 1 mA
VBR
16.7
17.7
22
V
Reverse clamping voltage
at IPP = 1 A
VC
--
24
V
at IPP = 5 A
-
-
33
V
Capacitance
at VR = 0 V; f = 1 MHz
CD
-2.5
5
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com