Electronic Components Datasheet Search
  English  ▼

X  

LTM4686B Datasheet(PDF) 49 Page - Analog Devices

Part # LTM4686B
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686B Datasheet(HTML) 49 Page - Analog Devices

Back Button LTM4686B Datasheet HTML 45Page - Analog Devices LTM4686B Datasheet HTML 46Page - Analog Devices LTM4686B Datasheet HTML 47Page - Analog Devices LTM4686B Datasheet HTML 48Page - Analog Devices LTM4686B Datasheet HTML 49Page - Analog Devices LTM4686B Datasheet HTML 50Page - Analog Devices LTM4686B Datasheet HTML 51Page - Analog Devices LTM4686B Datasheet HTML 52Page - Analog Devices LTM4686B Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 130 page
background image
LTM4686B
49
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
If a channel is enabled for discontinuous mode opera-
tion, the inductor current is not allowed to reverse. The
reverse current comparator, IREV, turns off the bottom
MOSFET (MBn) just before the inductor current reaches
zero, preventing it from reversing and going negative.
Thus, the controller can operate in discontinuous (pulse-
skipping)operation. In forced continuous operation, the
inductor current is allowed to reverse at light loads or
under large transient conditions. The peak inductor cur-
rent is determined solely by the voltage on the COMPna
pin. In this mode, the efficiency at light loads is lower
than discontinuous mode operation. However, continuous
mode exhibits lower output ripple and less interference
with audio circuitry. Forced continuous conduction mode
may result in reverse inductor current, which can cause
the input supply to boost. The VIN_OV_FAULT_LIMIT can
detect this (if SVIN is connected to VIN0 and/or VIN1) and
turn off the offending channel. However, this fault is based
on an ADC read and can nominally take up to 90ms to
detect. If there is a concern about the input supply boost-
ing, keep the part in discontinuous conduction operation.
SWITCHING FREQUENCY AND PHASE
The switching frequency of the LTM4686B’s channels is
established by its analog phase-locked-loop (PLL) locking
on to the clock present at the module’s SYNC pin. The
clock waveform on the SYNC pin can be generated by the
LTM4686B’s internal circuitry when an external pull-up
resistor to 3.3V (e.g., VDD33) is provided, in combination
with the LTM4686B control IC’s FREQUENCY_SWITCH
command being set to one of the following supported
values: 500kHz, 575kHz, 650kHz, 750kHz, 1MHz (see
Table 8 for hexadecimal values). In this configuration,
the module is called a “sync master”: using the
factory-default setting of MFR_CONFIG_ALL[4] = 0b,
SYNC becomes a bidirectional open-drain pin, and the
LTM4686B pulls SYNC logic low for nominally 500ns at
a time, at the prescribed clock rate. The SYNC signal can
be bused to other LTM4686B modules (configured as
“sync slaves”), for purposes of synchronizing switching
frequencies of multiple modules within a system—but
only one LTM4686B should be configured as a “sync
master”; the other LTM4686B(s) should be configured
as “sync slaves”.
There are two recommended ways to configure an
LTM4686B as a “sync slave”:
• Apply an appropriate pin-strap resistor setting on the
FSWPHCFG pin (see Table 4), and use the factory-default
setting MFR_CONFIG_ALL[6] = 0b. This configures
MFR_CONFIG_ALL[4] = 1b and FREQUENCY_SWITCH
according to EEPROM settings (0x03E8 factory default,
corresponding to 1MHz). The LTM4686B’s SYNC pin
thus becomes a high impedance input and the mod-
ule synchronizes its frequency to that of the externally
applied clock, provided that the frequency of the exter-
nally applied clock exceeds ~45% of the target fre-
quency (FREQUENCY_SWITCH). If the SYNC clock is
absent, the module responds by operating at its target
frequency, indefinitely. If and when the SYNC clock is
restored, the module automatically phase-locks to the
SYNC clock as normal.
• Set FREQUENCY_SWITCH to 0x0000 and MFR_
CONFIG_ALL[4]  =  1b. Using MFR_CONFIG_
ALL[4] = 1b, the LTM4686B’s SYNC pin becomes a
high impedance input, only—i.e., it does not drive
SYNC low. The module synchronizes its frequency
to that of the clock applied to its SYNC pin. The only
shortcoming of this approach is: in the absence of an
externally applied clock, the switching frequency of the
module will default to the low end of its frequency-
synchronization capture range.
The FREQUENCY_SWITCH command can be altered
via I2C commands, but only when switching action is
disengaged, i.e., the module’s outputs are turned off.
The FREQUENCY_SWITCH command takes on the value
stored in NVM at SVIN power-up, but is overridden
according to a resistor pin-strap applied between the
FSWPHCFG pin and SGND only if the module is configured
to respect resistor pin-strap settings (MFR_CONFIG_
ALL[6] = 0b). Table 4 highlights available resistor pin-
strap and corresponding FREQUENCY_SWITCH settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com