Electronic Components Datasheet Search
  English  ▼

X  

LTM4686B Datasheet(PDF) 64 Page - Analog Devices

Part # LTM4686B
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686B Datasheet(HTML) 64 Page - Analog Devices

Back Button LTM4686B Datasheet HTML 60Page - Analog Devices LTM4686B Datasheet HTML 61Page - Analog Devices LTM4686B Datasheet HTML 62Page - Analog Devices LTM4686B Datasheet HTML 63Page - Analog Devices LTM4686B Datasheet HTML 64Page - Analog Devices LTM4686B Datasheet HTML 65Page - Analog Devices LTM4686B Datasheet HTML 66Page - Analog Devices LTM4686B Datasheet HTML 67Page - Analog Devices LTM4686B Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 130 page
background image
LTM4686B
64
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
The power loss curves in Figure 10 to Figure 13 can be
used in coordination with the load current derating curves
in Figure 14 to Figure 27 for calculating an approximate
θJA thermal resistance for the LTM4686B with various
heat sinking and air flow conditions. These thermal
resistances represent demonstrated performance of the
LTM4686B on DC3089A hardware; a 4-layer FR4 PCB
measuring 99mm × 133mm × 1.6mm using outer and
inner copper weights of 2oz and 1oz, respectively. The
power loss curves are taken at room temperature, and
are increased with multiplicative factors with ambient
temperature. These approximate factors are listed
in Table 14. (Compute the factor by interpolation, for
intermediate temperatures.) The derating curves are
plotted with the LTM4686B’s paralleled outputs initially
sourcing up to 28A and the ambient temperature at
25°C. The output voltages are 0.6V, 1V, 1.8V, and 3.3V.
These are chosen to include the lower and higher output
voltage ranges for correlating the thermal resistance.
Thermal models are derived from several temperature
measurements in a controlled temperature chamber
along with thermal modeling analysis. The junction
temperatures are monitored while ambient temperature is
increased with and without air flow, and with and without
a heat sink attached with thermally conductive adhesive
tape. The power loss increase with ambient temperature
change is factored into the derating curves. The junctions
are maintained at 120°C maximum while lowering output
current or power while increasing ambient temperature.
The decreased output current decreases the internal
module loss as ambient temperature is increased. The
monitored junction temperature of 120°C minus the
ambient operating temperature specifies how much
module temperature rise can be allowed. As an example
in Figure 22, the load current is derated to 24A at 70°C
ambient with no airflow and no heat sink and the room
temperature (25°C) power loss for this 3.3VIN to 1.8VOUT
at 24AOUT condition is ~5W. A ~5.75W loss is calculated
by multiplying the ~5W room temperature loss from the
3.3VIN to 1.8VOUT power loss curve at 24A (Figure 12),
with the 1.15 multiplying factor at 70°C ambient (from
Table 14). If the 70°C ambient temperature is subtracted
from the 120°C junction temperature, then the difference
of 50°C divided by ~5.75W yields a thermal resistance,
θJA, of ~8.9°C/W—in good agreement with Table 17.
Table 15, Table 16, Table 17 and Table 18 provide equivalent
thermal resistances for 0.6V, 1V, 1.8V and 3.3V outputs
with and without air flow and heat sinking. The derived
thermal resistances in Table 15, Table 16, Table 17 and
Table 18 for the various conditions can be multiplied
by the calculated power loss as a function of ambient
temperature to derive temperature rise above ambient,
thus maximum junction temperature. Room temperature
power loss can be derived from the efficiency curves
in the Typical Performance Characteristics section and
adjusted with ambient temperature multiplicative factors
from Table 14.
Table 14. Power Loss Multiplicative Factors vs Ambient Temperature
AMBIENT TEMPERATURE
POWER LOSS MULTIPLICATIVE FACTOR
Up to 40°C
1.00
50°C
1.05
60°C
1.10
70°C
1.15
80°C
1.20
90°C
1.25
100°C
1.30
110°C
1.35
120°C
1.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com