Electronic Components Datasheet Search
  English  ▼

X  

LTM4686B Datasheet(PDF) 63 Page - Analog Devices

Part # LTM4686B
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686B Datasheet(HTML) 63 Page - Analog Devices

Back Button LTM4686B Datasheet HTML 59Page - Analog Devices LTM4686B Datasheet HTML 60Page - Analog Devices LTM4686B Datasheet HTML 61Page - Analog Devices LTM4686B Datasheet HTML 62Page - Analog Devices LTM4686B Datasheet HTML 63Page - Analog Devices LTM4686B Datasheet HTML 64Page - Analog Devices LTM4686B Datasheet HTML 65Page - Analog Devices LTM4686B Datasheet HTML 66Page - Analog Devices LTM4686B Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 130 page
background image
LTM4686B
63
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
joints and through a portion of the board. The board
temperature is measured a specified distance from the
package, using a two sided, two layer board. This board
is described in JESD51-9.
A graphical representation of the aforementioned ther-
mal resistances is given in Figure 9; blue resistances are
contained within the µModule regulator, whereas green
resistances are external to the µModule package.
As a practical matter, it should be clear to the reader that
no individual or sub-group of the four thermal resistance
parameters defined by JESD51-12 or provided in the Pin
Configuration section replicates or conveys normal oper-
ating conditions of a µModule regulator. For example, in
normal board-mounted applications, never does 100%
of the device’s total power loss (heat) thermally conduct
exclusively through the top or exclusively through bot-
tom of the µModule package—as the standard defines
for θJCtop and θJCbottom, respectively. In practice, power
loss is thermally dissipated in both directions away from
the package—granted, in the absence of a heat sink and
airflow, a majority of the heat flow is into the board.
Within the LTM4686B, be aware there are multiple power
devices and components dissipating power, with a con-
sequence that the thermal resistances relative to differ-
ent junctions of components or die are not exactly linear
with respect to total package power loss. To reconcile
this complication without sacrificing modeling simplic-
ity—but also not ignoring practical realities—an approach
has been taken using FEA software modeling along with
laboratory testing in a controlled-environment chamber
to reasonably define and correlate the thermal resistance
values supplied in this data sheet: (1) Initially, FEA software
is used to accurately build the mechanical geometry of
the LTM4686B and the specified PCB with all of the cor-
rect material coefficients along with accurate power loss
source definitions; (2) this model simulates a software-
defined JEDEC environment consistent with JESD51-9 and
JESD51-12 to predict power loss heat flow and tempera-
ture readings at different interfaces that enable the cal-
culation of the JEDEC-defined thermal resistance values;
(3) the model and FEA software is used to evaluate the
LTM4686B with heat sink and airflow; (4) having solved
for and analyzed these thermal resistance values and simu-
lated various operating conditions in the software model,
a thorough laboratory evaluation replicates the simulated
conditions with thermocouples within a controlled envi-
ronment chamber while operating the device at the same
power loss as that which was simulated. The outcome of
this process and due diligence yields the set of derating
curves provided in later sections of this data sheet, along
with well-correlated JESD51-12-defined θ values provided
in the Pin Configuration section of this data sheet.
4686B F09
µModule DEVICE
JUNCTION-TO-CASE (TOP)
RESISTANCE
CASE (TOP)-TO-AMBIENT
RESISTANCE
BOARD-TO-AMBIENT
RESISTANCE
JUNCTION-TO-CASE
(BOTTOM) RESISTANCE
JUNCTION
AMBIENT
Figure 9. Graphical Representation of JESD51-12 Thermal Coefficients



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com