Electronic Components Datasheet Search
  English  ▼

X  

LTM4686B Datasheet(PDF) 23 Page - Analog Devices

Part # LTM4686B
Description  Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4686B Datasheet(HTML) 23 Page - Analog Devices

Back Button LTM4686B Datasheet HTML 19Page - Analog Devices LTM4686B Datasheet HTML 20Page - Analog Devices LTM4686B Datasheet HTML 21Page - Analog Devices LTM4686B Datasheet HTML 22Page - Analog Devices LTM4686B Datasheet HTML 23Page - Analog Devices LTM4686B Datasheet HTML 24Page - Analog Devices LTM4686B Datasheet HTML 25Page - Analog Devices LTM4686B Datasheet HTML 26Page - Analog Devices LTM4686B Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 130 page
background image
LTM4686B
23
Rev. 0
For more information www.analog.com
OPERATION
POWER MODULE CONFIGURABILITY AND
READBACK DATA
This section of the data sheet describes all the configu-
rable features and readable data of the LTM4686B acces-
sible via I2C. The relevant command code name(s) are
indicated by use of all capital letters, e.g., “VIN_ON”. Refer
to Table 1 and Appendix C: PMBus Command Details of
this data sheet for details of the command code, payload
size, data format and factory-default value. Specific reg-
ister bits of some registers are indicated with the use of
brackets, i.e., “[” and “]”. The least significant bit (LSB) of
a register is bit number zero, indicated by “[0]”. The most
significant bit of a byte-long (8-bit-long) register is bit
number seven, indicated by “[7]”. The most significant bit
(MSB) of a word-long (16-bit-long) register is bit number
fifteen, indicated by “[15]”. Multiple bits of a register can
be alluded to with the use of a colon, e.g., bits 2, 1 and
0 of the MFR_PWM_CONFIG register are indicated by
“MFR_PWM_CONFIG[2:0]”. Bits can take on values of 0b
or 1b. The subscripted “b” suffix indicates the number’s
value is in binary. Values in hexadecimal are indicated with
a “0x” prefix. For example, decimal value “89” is indicated
by 0x59 and 01011001b (8-bit-long values), as well as
0x0059 and 0000000001011001b (16-bit-long values).
One further shorthand notion the reader will notice is the
italicized “n” or “n”. “n” can take on a value of 0 or 1—and
provides an easy way to refer to registers which are paged
commands, i.e., register names which have the same com-
mand code value but can be configured independently (or
yield channel-specific telemetry) for Channel 0 (Page 0,
or 0x00) vs Channel 1 (Page 1, or 0x01). Registers lack-
ing an “n” are therefore easily identified as being global
in nature, i.e., common to both Channels/Outputs. For
example, the switching frequency setting commanded by
register FREQUENCY_SWITCH is common to both chan-
nels, and lacks “n”. Another example: the READ_VIN
register contains the digitized input voltage as seen at
the SVIN pin, and SVIN is unique, i.e., common to both
Channels. In contrast, the nominal commanded output
voltage is indicated by the register VOUT_COMMANDn.
The “n” indicates that VOUT_COMMAND can be set dif-
ferently for Channel 0 vs Channel 1. Executing the PAGE
Command (Command Code 0x00) with payload 0x00 sets
the LTM4686B to write/read data pertaining to Channel
0 in all subsequent I2C transactions until the Page is
changed. Executing the PAGE Command with payload
0x01 sets the LTM4686B to write/read data pertaining
to Channel 1 in all subsequent I2C transactions until the
Page is changed. Executing the PAGE Command with pay-
load 0xFF sets the LTM4686B to write data pertaining to
Channels 0 and 1 in all subsequent I2C write transactions
until the Page is changed. Reads from and writes to global
registers do not require setting the Page to 0xFF. Reads
from channel-specific (i.e., non-global) registers when the
Page is set to 0xFF result in the LTM4686B reporting the
value on Page 0x00 (i.e., Channel 0-specific data).
The list below itemizes aspects of the LTM4686B relating
to power supply functions that are configurable by I2C
communications—provided the state of the WP (write
protect) pin and the WRITE_PROTECT register value per-
mit the I2C writes—and by EEPROM settings:
n
Output start-up voltages (VOUT_COMMANDn), the max-
imum commandable output voltages (VOUT_MAXn),
output margin high (VOUT_MARGIN_HIGHn) and
margin low (VOUT_MARGIN_LOWn) command volt-
ages, and output over/undervoltage warning and fault
thresholds (VOUT_OV_WARN_LIMITn, VOUT_OV_
FAULT_LIMITn, VOUT_UV_WARN_LIMITn, and VOUT_
UV_FAULT_LIMITn). Additionally, these values can be
configured at SVIN power-up according to resistor-pin
strapping of the VOUT0CFG, VTRIM0CFG, VOUT1CFG and/or
VTRIM1CFG pins, provided MFR_CONFIG_ALL[6] = 0b.
n
Output voltages, on the fly, including transition rate
(∆V/∆t), VOUT_TRANSITION_RATEn— either by I2C
writes to the VOUT_COMMANDn, VOUT_MARGIN_
HIGHn, or VOUT_MARGIN_LOWn registers, and/or to
the OPERATIONn register.
n
Input undervoltage-lockout, rising (VIN_ON) and input
undervoltage lockout, falling (VIN_OFF), based on the
SVIN pin voltage.
n
Switching frequency (FREQUENCY_SWITCH) and chan-
nel phase-interleaving angle (MFR_PWM_CONFIG[2:0]).
However, these parameters can be changed via I2C com-
munications only when the LTM4686B’s channels are
off, i.e., not switching. The LTM4686B synchronizes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com