Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 11 Page - Analog Devices

Part # LT8601
Description  42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8601 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT8601 Datasheet HTML 7Page - Analog Devices LT8601 Datasheet HTML 8Page - Analog Devices LT8601 Datasheet HTML 9Page - Analog Devices LT8601 Datasheet HTML 10Page - Analog Devices LT8601 Datasheet HTML 11Page - Analog Devices LT8601 Datasheet HTML 12Page - Analog Devices LT8601 Datasheet HTML 13Page - Analog Devices LT8601 Datasheet HTML 14Page - Analog Devices LT8601 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT8685S
11
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
a low ESR ceramic capacitor of value 0.1µF or greater.
When driven by another LT8685S channel, the required
decoupling capacitance may be satisfied with the output
capacitance of the driving channel. When not used, tie
this pin to ground.
SW1, SW2, SW3, SW4 (Pin 29, Pin 28, Pins 19 - 20,
Pins 17 - 18): Channel Switch Pins. These pins are the
outputs of each corresponding channel’s internal power
switches. When channels are operating independently,
connect each SW pin to the corresponding channel’s
inductor and boost capacitor. When combining channels,
tie the combined channel’s SW pins together with a low
impedance connection. SW traces on the PCB should be
kept short for best efficiency and EMI performance.
BST1, BST2, BST3, BST4 (Pin 30, Pin 27, Pin 21, Pin
16): Channel Boost Pins. These pins provide a drive volt-
age, higher than the supply voltage, to the gate of each
channel’s top power switch.
PG1, PG2, PG3, PG4 (Pin 31, Pin 26, Pin 22, Pin 15):
Open-Drain Power Good Output Pins. Each channel’s PG
pin is pulled to ground when the voltage at the corre-
sponding FB pin is not within ±7.5% of the internal refer-
ence. PG becomes high impedance once the voltage at the
corresponding FB pin returns to within ±6% of the internal
reference. PG outputs for enabled channels are valid for
VIN1 voltages greater than 3V. PG outputs are pulled low
for channels which are not enabled. When channels are
combined, the dependent (slave) channel’s PG pin should
be open.
TRK/SS1, TRK/SS2, TRK/SS3, TRK/SS4 (Pin 32, Pin 3,
Pin 23, Pin 6): Output Tracking and Soft-Start Pins. These
pins allow user control of output voltage ramp rate during
startup. A TRK/SSx voltage below the internal reference
forces the channel to regulate the FBx pin to equal the
TRK/SSx voltage. When TRK/SSx is above internal ref-
erence, the tracking function is disabled and the internal
reference resumes control of the error amplifier. An inter-
nal 2μA pull-up current from INTVCC on this pin allows
a capacitor to program output voltage slew rate. When
channels are combined, the dependent (slave) channel’s
TRK/SS pin should be open.
EN/UVLO (Pin 33): Channel 1 Enable and Undervoltage
Lockout Pin. The LT8685S is in low power shutdown
when this pin is below 0.4V regardless of the state of the
remaining LT8685S enable pins. A voltage above 0.9V
(rising) enables LT8685S operation and channel 1. A pre-
cision threshold at 0.8V (falling) allows this pin to be used
as an input undervoltage lockout by connecting a resistor
divider between VIN1 and ground.
FB1 (Pin 34): Channel 1 Output Voltage Feedback Pin.
Channel 1 regulates this pin to a precision, internal, 0.8V
reference voltage. Connect this pin to the appropriate
resistor divider network to program the desired output
voltage.
EN2, EN3, EN4 (Pin 35, Pin 12, Pin 14): Channel Enable
Pins. Each LT8685S channel is active when the voltage
on its corresponding enable pin is above 0.9V (rising). A
precision threshold at 0.81V (falling) allows each enable
pin to act as a programmable undervoltage lockout by
connecting a resistor divider between the correspond-
ing input supply and ground. When channels are com-
bined, the dependent (slave) channel’s EN pin should be
connected to the enable pin of the controlling (master)
channel.
FB2 (Pin 36): Channel 2 Output Voltage Feedback Pin.
Channel 2 regulates this pin to a precision, internal, 0.8V
reference voltage. Connect this pin to the appropriate
resistor divider network to program the desired output
voltage. When this pin is tied to INTVCC, channel 2 is com-
bined with channel 1 to create a single output channel with
increased output current capability. See the Application
Section for more detail.
GND (Exposed Pad Pins 37 - 40): Ground Pins. These
pins must be soldered to the PCB to provide low imped-
ance electrical contact to ground and good thermal con-
tact to the PCB. See the Applications Information section
for more detail.
CORNER PINS: These pins are for mechanical support
only and can be tied anywhere on the PCB, typically
ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com