Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 18 Page - Analog Devices

Part # LT8601
Description  42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8601 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT8601 Datasheet HTML 14Page - Analog Devices LT8601 Datasheet HTML 15Page - Analog Devices LT8601 Datasheet HTML 16Page - Analog Devices LT8601 Datasheet HTML 17Page - Analog Devices LT8601 Datasheet HTML 18Page - Analog Devices LT8601 Datasheet HTML 19Page - Analog Devices LT8601 Datasheet HTML 20Page - Analog Devices LT8601 Datasheet HTML 21Page - Analog Devices LT8601 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LT8685S
18
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
The worst-case ripple current occurs when VOUT is one-
half VIN. Under this condition, the ripple current is:
ICIN(RMS) =
IOUT
2
Reasonable starting values for the input capacitance are
2.2µF for channels 1 and 2 and 2.2µF for channels 3 and 4.
When combining channels, the shared channel VIN pins
must be connected together, and the input capacitor
should be chosen based on the total current supplied by
the combined channels.
Output Capacitor Selection
The output capacitor performs two functions. First, it
filters the inductor current to generate an output with
low voltage ripple. Second, it stores energy to minimize
droop and overshoot during transient loads. Because the
LT8685S buck converters are able to operate at a high
frequency, required output capacitance is minimal. The
internally compensated current mode control loops are
stable without requiring a minimum series resistance
(ESR) in the output capacitor. Therefore, ceramic capaci-
tors may be used and will result in very low output ripple.
An estimate for the output ripple is as follows for a given
capacitor type:
VRIPPLE =
ΔIL
8 • fSW •COUT
for ceramic capacitors, and
VRIPPLE= ΔIL • ESR
for aluminum or tantalum capacitors. VRIPPLE is the peak-
to-peak output ripple, fSW is the switching frequency in
MHz, ΔIL is the peak-to-peak ripple current in the inductor,
COUT is the output capacitor value in µF and ESR is the
output capacitor effective series resistance.
The low ESR and small size of ceramic capacitors make
them the preferred type for LT8685S applications.
However, not all ceramic capacitors are the same. Many
of the higher value capacitors use dielectrics with high
temperature and voltage coefficients. Y5V and Z5U types
lose a large fraction of their capacitance with applied volt-
age and at temperature extremes. Because loop stability,
transient response ripple and EMI depend on the value of
the input and output capacitors, it is best to use X5R (max
85°C), X7R (max 125°C) or X8R (max 150°C) capacitors
depending on the operating temperature range.
Electrolytic capacitors are also an option. The ESRs of
most aluminum electrolytic capacitors are too large to
deliver low output ripple. Tantalum, as well as newer,
lower ESR organic electrolytic capacitors intended for
power supply use are suitable. Choose a capacitor with a
low enough ESR for the required output ripple. Because
the volume of the capacitor determines its ESR, both the
size and value will be larger than a ceramic capacitor that
would give similar ripple performance.
The Typical Applications section provides a reasonable
starting point for output capacitor values. Careful evalua-
tion of each application must be made to ensure adequate
design margin.
Boost Capacitor Selection
Connecting a capacitor between each channel’s BST and
SW pins creates an internal approximately 3.4V supply
used to drive the internal power devices. For most applica-
tions, choosing a 0.1μF ceramic capacitor for this function
works well.
Although the SW and BST pins of combined channels are
connected at the board level to drive a single inductor, for
robust operation, each of the combined channels must
have its own boost capacitor connected between their
respective BST and SW pins.
Output Voltage Tracking and Soft-Start
The LT8685S’s programmable channel soft-start fea-
ture, which controls the output voltage ramp time during
startup, combined with channel power good (PG) and
enable (EN) functions, supports flexible startup sequenc-
ing and control. In addition, the soft-start feature can
be used to reduce input surge current and prevent out-
put voltage overshoot. To program the output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com