Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 3 Page - Analog Devices

Part # LT8601
Description  42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8601 Datasheet(HTML) 3 Page - Analog Devices

  LT8601 Datasheet HTML 1Page - Analog Devices LT8601 Datasheet HTML 2Page - Analog Devices LT8601 Datasheet HTML 3Page - Analog Devices LT8601 Datasheet HTML 4Page - Analog Devices LT8601 Datasheet HTML 5Page - Analog Devices LT8601 Datasheet HTML 6Page - Analog Devices LT8601 Datasheet HTML 7Page - Analog Devices LT8601 Datasheet HTML 8Page - Analog Devices LT8601 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT8685S
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Quiescent Current, Shutdown
0.5
1.5
µA
Total Operating Input Current, Burst
VOUT1 = VBIAS = 5V, VOUT2 = 3.3V, VOUT3 = 1.8V,
VOUT4 = 1.2V, VSYNC/MODE = 0V, No Load
12
µA
Total Operating Input Current, Pulse-Skipping
VOUT1 = 5V, VOUT2 = 3.3V, VOUT3 = 1.8V, VOUT4 = 1.2V,
VSYNC/MODE = Floating, No Load
1100
µA
Switching Frequency
RRT = 154k
RRT = 22.6k
RRT = 13.7k
l
l
l
0.28
1.8
2.65
0.35
2
3
0.45
2.25
3.4
MHz
MHz
MHz
SYNC Threshold Voltage
VIL
VIH
l
l
1.5
0.4
V
V
SYNC/MODE Pin Input Current
VSYNC/MODE = 6V
75
µA
Internal VCC Regulator
3.4
V
Internal VCC Undervoltage Lockout
Falling
2.3
2.4
2.5
V
BIAS Pin Threshold
4.5
V
Channels 1 to 2
Minimum Input Voltage (CH1 Only)
l
2.8
3
V
Feedback Reference Voltage
l
0.786
0.8
0.812
V
Feedback Input Current
l
–100
0
100
nA
VFB1, VFB2 Line Regulation
VVIN1 = 3V to 42V
0.01
%/V
Peak Current Limit
4.2
4.8
5.4
A
Power FET On-resistance
Main Switch (Top)
Synchronous Switch (Bottom)
ISW1, ISW2 = 0.1A
ISW1, ISW2 = 0.1A
210
110
mΩ
mΩ
EN/UVLO Threshold
EN/UVLO Falling
l
0.78
0.8
0.82
V
EN/UVLO Hysteresis
100
mV
EN/UVLO Input Current
VEN/UVLO = 42V
–250
0
250
nA
EN2 Threshold
EN2 Falling
l
0.78
0.81
0.84
V
EN2 Hysteresis
50
mV
EN2 Input Current
VEN2 = 42V
–250
0
250
nA
Pgood Upper Threshold Offset from VFB1, VFB2
VFB1, VFB2 Rising
l
4.5
7.5
10
%
Pgood Lower Threshold Offset from VFB1, VFB2
VFB1, VFB2 Falling
l
–10
–7.5
–4.5
%
Pgood Hysteresis
1.2
%
Pgood Leakage
VPG1, VPG2 = 6V
–250
0
250
nA
Pgood Pull-Down Resistance
VPG1, VPG2 = 0.1V
500
1200
Ω
TRK/SS1, TRK/SS2 Pull-Up Current
VTRK/SS1, VTRK/SS2 = 0V
2
µA
Channels 3 to 4
Feedback Reference Voltage
l
0.688
0.7
0.712
V
Feedback Input Current
l
–100
0
100
nA
VFB3, VFB4 Line Regulation
VVIN1 = 3V to 42V
0.01
%/V
Peak Current Limit
7
8.2
9.4
A
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN1 = VIN2 = 12V, VIN3 = VIN4 = 5V, fSW = 2MHz unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com