Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 20 Page - Analog Devices

Part # LT8601
Description  42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8601 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT8601 Datasheet HTML 16Page - Analog Devices LT8601 Datasheet HTML 17Page - Analog Devices LT8601 Datasheet HTML 18Page - Analog Devices LT8601 Datasheet HTML 19Page - Analog Devices LT8601 Datasheet HTML 20Page - Analog Devices LT8601 Datasheet HTML 21Page - Analog Devices LT8601 Datasheet HTML 22Page - Analog Devices LT8601 Datasheet HTML 23Page - Analog Devices LT8601 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LT8685S
20
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
the via is a much better conductor than the solder which
may or may not fill the via volume. The planes will dis-
tribute heat over a large area.
Power dissipated within the LT8685S will result in a
junction temperature rise beyond the ambient tempera-
ture in proportion to the package thermal resistance, θJA
(°C/W). The power dissipation within the LT8685S can
be estimated from an efficiency measurement by calcu-
lating the total power loss, then subtracting power loss
in components external to the LT8685S, such as inductor
DCR loss. The maximum operating junction temperature
is then estimated by multiplying the estimated LT8685S
power loss by the package θJA and summing the result
with the maximum application ambient temperature.
A good board design can achieve a θJA of 17 °C/W. If the
calculation of maximum junction temperature indicates
the LT8685S will operate near or above the allowed junc-
tion temperature, more precise thermal modelling may be
required or design changes must be made to reduce the
die junction temperature. Design changes may include
reducing VVINx, reducing fSW, or reducing the operating
load current. Load current reduction may be achieved with
either direct load current reduction or reducing the duty
cycle or duration over which the maximum load current
occurs. Die junction temperature can also be reduced by
lowering the ambient temperature or the addition of air
flow. Figure 5 shows the approximate allowable on-chip
power dissipation for a given ambient temperature using
a θJA =17 °C/W.
Figure 5. Maximum Loss vs Ambient Temperature
θJA = 17°C/W
AMBIENT TEMPERATURE TA (°C)
50
75
100
125
150
0
1.0
2.0
3.0
4.0
5.0
6.0
8685S F05
The LT8685S contains an internal thermal shutdown fea-
ture that will stop switching if the die temperature rises
to approximately 177°C. Switching will resume when the
temperature falls approximately 5°C. This feature is not
production tested and is intended as a failsafe only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com