Electronic Components Datasheet Search
  English  ▼

X  

AL422 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AL422
Description  AL422 3M-Bits FIFO Field Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AL422 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AL422 Datasheet HTML 1Page - List of Unclassifed Manufacturers AL422 Datasheet HTML 2Page - List of Unclassifed Manufacturers AL422 Datasheet HTML 3Page - List of Unclassifed Manufacturers AL422 Datasheet HTML 4Page - List of Unclassifed Manufacturers AL422 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL422 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL422 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL422 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL422 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AL422
AL422B
January 23, 2001
3
AL422 3M-Bits FIFO Field Memory
Contents:
1.0 Description ________________________________________________________________ 4
2.0 Features___________________________________________________________________ 4
3.0 Applications________________________________________________________________ 4
4.0 Ordering Information ________________________________________________________ 4
5.0 Pinout Diagram ____________________________________________________________ 5
6.0 Pin Description _____________________________________________________________ 5
7.0 Electrical Characteristics _____________________________________________________ 6
7.1 Absolute Maximum Ratings ________________________________________________________ 6
7.2 Recommended Operating Conditions ________________________________________________ 6
7.3 DC Characteristics _______________________________________________________________ 6
7.4 AC Characteristics _______________________________________________________________ 7
7.5 Timing Diagrams_________________________________________________________________ 9
8.0 Functional Description______________________________________________________ 13
8.1 Memory Operation ______________________________________________________________ 14
8.2 5V and 3.3V applications _________________________________________________________ 15
8.3 Application Notes _______________________________________________________________ 16
8.3.1 Irregular Read/Write _________________________________________________________________ 16
8.3.2 The Proper Manipulation of FIFO Access _________________________________________________ 17
8.3.3 Single Field Write with Multiple Read Operation ___________________________________________ 17
8.3.4 One Field Delay Line (The Old Data Read) _______________________________________________ 17
9.0 Mechanical Drawing _______________________________________________________ 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com