Electronic Components Datasheet Search
  English  ▼

X  

AL422 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AL422
Description  AL422 3M-Bits FIFO Field Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AL422 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AL422 Datasheet HTML 3Page - List of Unclassifed Manufacturers AL422 Datasheet HTML 4Page - List of Unclassifed Manufacturers AL422 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL422 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL422 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL422 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL422 Datasheet HTML 9Page - List of Unclassifed Manufacturers AL422 Datasheet HTML 10Page - List of Unclassifed Manufacturers AL422 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AL422
AL422B
January 23, 2001
7
7.4 AC Characteristics
(VDD =5V or 3.3V, Vss=0V, TAMB = 0 to 70°C)
3.3V application
5V application
Parameter
Min
Max
Min
Max
Unit
T
WC
WCK Cycle Time
20
1000
20
1000
ns
T
WPH
WCK High Pulse Width
7
-
7
-
ns
T
WPL
WCK Low Pulse Width
7
-
7
-
ns
T
RC
RCK Cycle Time
20
1000
20
1000
ns
T
RPH
RCK High Pulse Width
7
-
7
-
ns
T
RPL
RCK Low Pulse Width
7
-
7
-
ns
T
AC
Access Time
-
15
-
15
ns
T
OH
Output Hold Time
4
-
4
-
ns
T
HZ
Output High-Z Setup Time
3
15
4
15
ns
T
LZ
Output Low-Z Setup Time
3
15
4
15
ns
T
WRS
/WRST Setup Time
5
-
6
-
ns
T
WRH
/WRST Hold Time
2
-
3
-
ns
T
RRS
/RRST Setup Time
5
-
6
-
ns
T
RRH
/RRST Hold Time
2
-
3
-
ns
T
DS
Input Data Setup Time
5
-
6
-
ns
T
DH
Input Data Hold Time
2
-
3
-
ns
T
WES
/WE Setup Time
5
-
6
-
ns
T
WEH
/WE Hold Time
2
-
3
-
ns
T
WPW
/WE Pulse Width
10
-
10
-
ns
T
RES
/RE Setup Time
5
-
6
-
ns
T
REH
/RE Hold Time
2
-
3
-
ns
T
RPW
/RE Pulse Width
10
-
10
-
ns
T
OES
/OE Setup Time
5
-
6
-
ns
T
OEH
/OE Hold Time
2
-
3
-
ns
T
OPW
/OE Pulse Width
10
-
10
-
ns
T
TR
Transition Time
2
20
3
20
ns
CI
Input Capacitance
-
7
-
7
pF
CO
Output Capacitance
-
7
-
7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com