Electronic Components Datasheet Search
  English  ▼

X  

AL422 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AL422
Description  AL422 3M-Bits FIFO Field Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AL422 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AL422 Datasheet HTML 1Page - List of Unclassifed Manufacturers AL422 Datasheet HTML 2Page - List of Unclassifed Manufacturers AL422 Datasheet HTML 3Page - List of Unclassifed Manufacturers AL422 Datasheet HTML 4Page - List of Unclassifed Manufacturers AL422 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL422 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL422 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL422 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL422 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AL422
AL422B
January 23, 2001
4
1.0 Description
The AL422 consists of 3M-bits of DRAM, and is configured as 393,216 words x 8 bit FIFO (first in
first out). The interface is very user-friendly since all complicated DRAM operations are already
managed by the internal DRAM controller.
Current sources of similar memory (field memory) in the market provide limited memory size which
is only enough for holding one TV field, but not enough to hold a whole PC video frame which
normally contains 640x480 or 720x480 bytes. The AverLogic AL422 provides 50% more memory
to support high resolution for digital PC graphics or video applications. The 50% increase in speed
also expands the range of applications.
2.0 Features
• 384K (393,216) x 8 bits FIFO organization
• Support VGA, CCIR, NTSC, PAL and
HDTV resolutions
• Independent read/write operations (different
I/O data rates acceptable)
• High speed asynchronous serial access
• Read/write cycle time: 20ns
• Access time: 15ns
• Output enable control (data skipping)
• Self refresh
• 5V or 3.3V power supply
• Standard 28-pin SOP package
3.0 Applications
• Multimedia systems
• Video capture systems
• Video editing systems
• Scan rate converters
• TV’s picture in picture feature
• Time base correction (TBC)
• Frame synchronizer
• Digital video camera
• Buffer for communications systems
4.0 Ordering Information
Part number
Package
Power Supply
Status
AL422B
28-pin plastic SOP
+5/+3.3 volt
Shipping
AL422V5
28-pin plastic SOP
+5 volt
Replaced by AL422B
AL422V3
28-pin plastic SOP
+3.3 volt
Replaced by AL422B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com