Electronic Components Datasheet Search
  English  ▼

X  

AFE7900 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7900
Description  AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7900 Datasheet(HTML) 39 Page - Texas Instruments

Back Button AFE7900 Datasheet HTML 35Page - Texas Instruments AFE7900 Datasheet HTML 36Page - Texas Instruments AFE7900 Datasheet HTML 37Page - Texas Instruments AFE7900 Datasheet HTML 38Page - Texas Instruments AFE7900 Datasheet HTML 39Page - Texas Instruments AFE7900 Datasheet HTML 40Page - Texas Instruments AFE7900 Datasheet HTML 41Page - Texas Instruments AFE7900 Datasheet HTML 42Page - Texas Instruments AFE7900 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 157 page
background image
6.12.1 RX Typical Characteristics 30 MHz and 400 MHz (continued)
Typical values at TA = +25°C. Default conditions at 30MHz: ADC Sampling Rate = 1500 MSPS, output sample rate = 62.5
MSPS (decimate by 24x), PLL clock mode with fREF = 500 MHz, AIN = –3 dBFS, DSA setting = 3 dB. Default conditions at
400 MHz: ADC Sampling Rate = 1500 MSPS, output sample rate = 125 MSPS (decimate by 12x), PLL clock mode with fREF
= 500 MHz, AIN = –3 dBFS, DSA setting = 3 dB.
Integrated Phase Error = Phase(DSA Setting) – Phase(DSA
Setting = 0)
Figure 6-37. RX Calibrated Integrated Phase Error vs DSA
Setting at 400 MHz
fNCO = 400MHz
Figure 6-38. RX Output FFT at 405 MHz and -3dBFS
fNCO = 400MHz
Figure 6-39. RX Output FFT at 405 MHz and -6dBFS
fNCO = 400MHz
Figure 6-40. RX Output FFT at 405 MHz and -12dBFS
www.ti.com
AFE7900
SBASA44A – AUGUST 2021 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: AFE7900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com