Electronic Components Datasheet Search
  English  ▼

X  

AFE7900 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7900
Description  AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7900 Datasheet(HTML) 42 Page - Texas Instruments

Back Button AFE7900 Datasheet HTML 38Page - Texas Instruments AFE7900 Datasheet HTML 39Page - Texas Instruments AFE7900 Datasheet HTML 40Page - Texas Instruments AFE7900 Datasheet HTML 41Page - Texas Instruments AFE7900 Datasheet HTML 42Page - Texas Instruments AFE7900 Datasheet HTML 43Page - Texas Instruments AFE7900 Datasheet HTML 44Page - Texas Instruments AFE7900 Datasheet HTML 45Page - Texas Instruments AFE7900 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 157 page
background image
6.12.2 RX Typical Characteristics at 800MHz
Typical values at TA = +25°C, ADC Sampling Rate = 2949.12 GHz. Default conditions: output sample rate = 491.52MSPS
(decimate by 6), PLL clock mode with fREF = 491.52MHz, AIN = –3 dBFS, DSA setting = 4 dB.
Output Frequency (MHz)
700
800
900
1000
1100
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
DSA=4dB
DSA=6dB
DSA=8dB
DSA=10dB
DSA=12dB
DSA=14dB
With 0.8 GHz matching, normalized to 830 MHz
Figure 6-50. RX In-Band Gain Flatness for Channel 1RX, fIN =
830 MHz
Temperature (qC)
-40
-30
-20
-10
0
10
20
30
40
50
60
70
-0.2
-0.17
-0.14
-0.11
-0.08
-0.05
-0.02
0.01
0.04
0.07
0.1
0.13
1RX
2RX
3RX
4RX
With 0.8 GHz matching, normalized to fullscale at 25°C for
each channel
Figure 6-51. RX Input Fullscale vs Temperature and Channel at
800MHz
Temperature (qC)
-40
-30
-20
-10
0
10
20
30
40
50
60
70
-4
-3
-2
-1
0
1
2
3
4
5
6
7
1RX
2RX
3RX
4RX
With 0.8 GHz matching, normalized to phase at 25°C
Figure 6-52. RX Input Phase vs Temperature and DSA at fOUT =
0.8 GHz
DSA (dB)
0
5
10
15
20
25
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
1RX
2RX
3RX
4RX
With 0.8 GHz matching
Differential Amplitude Error = PIN(DSA Setting – 1) – PIN(DSA
Setting) + 1
Figure 6-53. RX Uncalibrated Differential Amplitude Error vs
DSA Setting at 0.8 GHz
DSA (dB)
0
5
10
15
20
25
-0.025
-0.02
-0.015
-0.01
-0.005
0
0.005
0.01
0.015
0.02
0.025
0.03
1RX
2RX
3RX
4RX
With 0.8 GHz matching
Differential Amplitude Error = PIN(DSA Setting – 1) – PIN(DSA
Setting) + 1
Figure 6-54. RX Calibrated Differential Amplitude Error vs DSA
Setting at 0.8 GHz
DSA (dB)
0
5
10
15
20
25
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
1RX
2RX
3RX
4RX
With 0.8 GHz matching
Integrated Amplitude Error = PIN(DSA Setting) – PIN(DSA
Setting = 0) + (DSA Setting)
Figure 6-55. RX Uncalibrated Integrated Amplitude Error vs
DSA Setting at 0.8 GHz
AFE7900
SBASA44A – AUGUST 2021 – REVISED MARCH 2022
www.ti.com
42
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE7900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com