Electronic Components Datasheet Search
  English  ▼

X  

AFE7900 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7900
Description  AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7900 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AFE7900 Datasheet HTML 20Page - Texas Instruments AFE7900 Datasheet HTML 21Page - Texas Instruments AFE7900 Datasheet HTML 22Page - Texas Instruments AFE7900 Datasheet HTML 23Page - Texas Instruments AFE7900 Datasheet HTML 24Page - Texas Instruments AFE7900 Datasheet HTML 25Page - Texas Instruments AFE7900 Datasheet HTML 26Page - Texas Instruments AFE7900 Datasheet HTML 27Page - Texas Instruments AFE7900 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 157 page
background image
6.8 Digital Electrical Characteristics (continued)
Typical values at TA = +25°C, full temperature range is TA,MIN = -40°C to TJ,MAX = +110°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ZT
Internal Termination
100
Ω
(1)
SYSREF termination is programmable between 100Ω, 150Ω and 300Ω
(2)
Loss tolerance is bump to bump from STX to SRX
(3)
Vppdiff is the difference between the maximum differential voltage (positive value) and minimum differential voltage (negative value).
AFE7900
SBASA44A – AUGUST 2021 – REVISED MARCH 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE7900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com