Electronic Components Datasheet Search
  English  ▼

X  

CC2652PSIP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CC2652PSIP
Description  CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2652PSIP Datasheet(HTML) 1 Page - Texas Instruments

  CC2652PSIP Datasheet HTML 1Page - Texas Instruments CC2652PSIP Datasheet HTML 2Page - Texas Instruments CC2652PSIP Datasheet HTML 3Page - Texas Instruments CC2652PSIP Datasheet HTML 4Page - Texas Instruments CC2652PSIP Datasheet HTML 5Page - Texas Instruments CC2652PSIP Datasheet HTML 6Page - Texas Instruments CC2652PSIP Datasheet HTML 7Page - Texas Instruments CC2652PSIP Datasheet HTML 8Page - Texas Instruments CC2652PSIP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
CC2652PSIP SimpleLink™ Multiprotocol 2.4-GHz Wireless System-in-Package
With Integrated Power Amplifier
1 Features
Wireless microcontroller
• Powerful 48-MHz Arm® Cortex®-M4F processor
• 352KB flash program memory
• 256KB of ROM for protocols and library functions
• 8KB of cache SRAM
• 80KB of ultra-low leakage SRAM with parity for
high-reliability operation
• Dynamic multiprotocol manager (DMM) driver
• Programmable radio includes support for 2-
(G)FSK, 4-(G)FSK, MSK, OOK, Bluetooth® 5.2
Low Energy, IEEE 802.15.4 PHY and MAC
• Supports over-the-air upgrade (OTA)
Ultra-low power sensor controller
• Autonomous MCU with 4KB of SRAM
• Sample, store, and process sensor data
• Fast wake-up for low-power operation
• Software defined peripherals; capacitive touch,
flow meter, LCD
Low power consumption
• MCU consumption:
– 3.5 mA active mode, CoreMark
– 74 μA/MHz running CoreMark
– 1 μA standby mode, RTC, 80KB RAM
– 160 nA shutdown mode, wake-up on pin
• Ultra low-power sensor controller consumption:
– 30.1 μA in 2 MHz mode
– 808 μA in 24 MHz mode
• Radio Consumption:
– 7.3 mA RX at 2.4 GHz
– 7.9 mA TX at 0 dBm
– 10.9 mA TX at +5 dBm
– 33 mA TX at +10 dBm
Wireless protocol support
• Thread, Zigbee®, Matter
• Bluetooth® 5.2 Low Energy
• SimpleLink™ TI 15.4-stack
• Proprietary systems
High performance radio
• -103 dBm sensitivity for Bluetooth® Low Energy
125-kbps LE Coded PHY
• Output power up to +10 dBm with temperature
compensation
Regulatory compliance
• Regulatory certification for compliance with
worldwide radio frequency:
– ETSI RED (Europe)
– ISED (Canada)
– FCC (USA)
MCU peripherals
• Digital peripherals can be routed to any of 30
GPIOs
• Four 32-bit or eight 16-bit general-purpose timers
• 12-bit ADC, 200 kSamples/s, 8 channels
• 8-bit DAC
• Two comparators
• Programmable current source
• Two UART, two SSI, I2C, I2S
• Real-time clock (RTC)
• Integrated temperature and battery monitor
Security enablers
• AES 128- and 256-bit cryptographic accelerator
• ECC and RSA public key hardware accelerator
• SHA2 Accelerator (full suite up to SHA-512)
• True random number generator (TRNG)
Development tools and software
• LP-CC2652RSIP Development Kit
• SimpleLink™ CC13xx and CC26xx Software
Development Kit (SDK)
• SmartRF™ Studio for simple radio configuration
• Sensor Controller Studio for building low-power
sensing applications
• SysConfig system configuration tool
Operating range
• On-chip buck DC/DC converter
• 1.8-V to 3.8-V single supply voltage
• Tj: -40 to +105°C
Package
• 7-mm × 7-mm MOT (30 GPIOs)
• RoHS-compliant package
CC2652PSIP
SWRS263A – FEBRUARY 2021 – REVISED JUNE 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CC2652PSIP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2652P TI1-CC2652P Datasheet
2Mb / 74P
CC2652P SimpleLink??Multiprotocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
CC2652P TI-CC2652P Datasheet
2Mb / 58P
CC2652R7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
CC2652P TI-CC2652P Datasheet
3Mb / 63P
CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC2652P TI-CC2652P Datasheet
1Mb / 54P
CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
CC2652P TI-CC2652P Datasheet
3Mb / 72P
CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU with Integrated Power Amplifier
REVISED JUNE 2023
More results

Similar Description - CC2652PSIP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2652R TI1-CC2652R Datasheet
1Mb / 47P
SimpleLink Multiprotocol 2.4-GHz Wireless MCU
CC2652RB TI1-CC2652RB Datasheet
2Mb / 54P
SimpleLink crystal-less BAW multiprotocol 2.4-GHz wireless MCU
CC2652P TI1-CC2652P Datasheet
2Mb / 74P
CC2652P SimpleLink??Multiprotocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
CC2652RSIP TI-CC2652RSIP Datasheet
1Mb / 60P
CC2652RSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package
CC2652R7 TI-CC2652R7 Datasheet
2Mb / 58P
CC2652R7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
CC2651R3 TI-CC2651R3 Datasheet
2Mb / 60P
CC2651R3 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
SWRS258 ??SEPTEMBER 2021
CC2652P7 TI-CC2652P7 Datasheet
1Mb / 53P
CC2652P7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
NOVEMBER 2021
CC2652RSIP TI-CC2652RSIP_V01 Datasheet
2Mb / 67P
CC2652RSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package
FEBRUARY 2022
CC2651R3SIPA TI-CC2651R3SIPA Datasheet
2Mb / 68P
CC2651R3SIPA SimpleLink™ Multiprotocol 2.4 GHz Wireless System-in-Package Module with integrated Antenna & 352-KB Memory
REVISED JUNE 2022
CC2674P10 TI-CC2674P10 Datasheet
3Mb / 72P
CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU with Integrated Power Amplifier
REVISED JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com