Electronic Components Datasheet Search
  English  ▼

X  

CC2652PSIP Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # CC2652PSIP
Description  CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2652PSIP Datasheet(HTML) 19 Page - Texas Instruments

Back Button CC2652PSIP Datasheet HTML 15Page - Texas Instruments CC2652PSIP Datasheet HTML 16Page - Texas Instruments CC2652PSIP Datasheet HTML 17Page - Texas Instruments CC2652PSIP Datasheet HTML 18Page - Texas Instruments CC2652PSIP Datasheet HTML 19Page - Texas Instruments CC2652PSIP Datasheet HTML 20Page - Texas Instruments CC2652PSIP Datasheet HTML 21Page - Texas Instruments CC2652PSIP Datasheet HTML 22Page - Texas Instruments CC2652PSIP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
8.14.2 Wakeup Timing
Measured over operating free-air temperature with VDDS = 3.0 V (unless otherwise noted). The times listed here do not
include software overhead.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MCU, Reset to Active(1)
850 - 4000
µs
MCU, Shutdown to Active(1)
850 - 4000
µs
MCU, Standby to Active
165
µs
MCU, Active to Standby
36
µs
MCU, Idle to Active
14
µs
(1)
The wakeup time is dependent on remaining charge on VDDR capacitor when starting the device, and thus how long the device has
been in Reset or Shutdown before starting up again.
8.14.3 Clock Specifications
8.14.3.1 48 MHz Crystal Oscillator (XOSC_HF)
Measured on a CC2652xSIP-EM reference design with integrated 48 MHz crystal including parameters based on external
manufacturer's crystal specification at Tc = 25 °C, VDDS = 3.0 V at initial time, unless otherwise noted.
MIN
TYP
MAX
UNIT
Crystal frequency
48
MHz
Start-up time(1)
200
µs
Initial crystal frequency tolerance(2)
-16
18
ppm
Crystal aging at 10 years(2)
-4
2
ppm/year
(1)
Start-up time using the TI-provided power driver. Start-up time may increase if driver is not used.
(2)
External manufacturer's crystal specification
8.14.3.2 48 MHz RC Oscillator (RCOSC_HF)
Measured on a CC2652xSIP-EM reference design with Tc = 25 °C, VDDS = 3.0 V, unless otherwise noted.
MIN
TYP
MAX
UNIT
Frequency
48
MHz
Uncalibrated frequency accuracy
±1
%
Calibrated frequency accuracy(1)
±0.25
%
Start-up time
5
µs
(1)
Accuracy relative to the calibration source (XOSC_HF)
8.14.3.3 2 MHz RC Oscillator (RCOSC_MF)
Measured on a CC2652xSIP-EM reference design with Tc = 25 °C, VDDS = 3.0 V, unless otherwise noted.
MIN
TYP
MAX
UNIT
Calibrated frequency
2
MHz
Start-up time
5
µs
8.14.3.4 32.768 kHz Crystal Oscillator (XOSC_LF)
Measured on a CC2652xSIP-EM reference design with integrated 32.768 kHz crystal including parameters based on external
manufacturer's crystal specification at Tc = 25 °C, VDDS = 3.0 V at initial time, unless otherwise noted.
MIN
TYP
MAX
UNIT
Crystal frequency
32.768
kHz
Initial crystal frequency tolerance(1)
-20
20
ppm
Crystal aging at 1st year(1)
-3
3
ppm/year
(1)
External manufacturer's crystal specification
www.ti.com
CC2652PSIP
SWRS263A – FEBRUARY 2021 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: CC2652PSIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com