Electronic Components Datasheet Search
  English  ▼

X  

CC2652PSIP Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # CC2652PSIP
Description  CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2652PSIP Datasheet(HTML) 27 Page - Texas Instruments

Back Button CC2652PSIP Datasheet HTML 23Page - Texas Instruments CC2652PSIP Datasheet HTML 24Page - Texas Instruments CC2652PSIP Datasheet HTML 25Page - Texas Instruments CC2652PSIP Datasheet HTML 26Page - Texas Instruments CC2652PSIP Datasheet HTML 27Page - Texas Instruments CC2652PSIP Datasheet HTML 28Page - Texas Instruments CC2652PSIP Datasheet HTML 29Page - Texas Instruments CC2652PSIP Datasheet HTML 30Page - Texas Instruments CC2652PSIP Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
8.15.3 Temperature and Battery Monitor
8.15.3.1 Temperature Sensor
Measured on a Texas Instruments reference design with Tc = 25 °C, VDDS = 3.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
2
°C
Accuracy
-40 °C to 0 °C
±4.0
°C
Accuracy
0 °C to 105 °C
±2.5
°C
Supply voltage coefficient(1)
3.6
°C/V
(1)
The temperature sensor is automatically compensated for VDDS variation when using the TI-provided driver.
8.15.3.2 Battery Monitor
Measured on a Texas Instruments reference design with Tc = 25 °C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
25
mV
Range
1.8
3.8
V
Integral nonlinearity (max)
23
mV
Accuracy
VDDS = 3.0 V
22.5
mV
Offset error
-32
mV
Gain error
-1
%
www.ti.com
CC2652PSIP
SWRS263A – FEBRUARY 2021 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: CC2652PSIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com