Electronic Components Datasheet Search
  English  ▼

X  

CC2652PSIP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CC2652PSIP
Description  CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2652PSIP Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC2652PSIP Datasheet HTML 6Page - Texas Instruments CC2652PSIP Datasheet HTML 7Page - Texas Instruments CC2652PSIP Datasheet HTML 8Page - Texas Instruments CC2652PSIP Datasheet HTML 9Page - Texas Instruments CC2652PSIP Datasheet HTML 10Page - Texas Instruments CC2652PSIP Datasheet HTML 11Page - Texas Instruments CC2652PSIP Datasheet HTML 12Page - Texas Instruments CC2652PSIP Datasheet HTML 13Page - Texas Instruments CC2652PSIP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
8 Specifications
8.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1) (2)
MIN
MAX
UNIT
VDDS(3)
Supply voltage
–0.3
4.1
V
Voltage on any digital pin(4) (5)
–0.3
VDDS + 0.3, max 4.1
V
Vin
Voltage on ADC input
Voltage scaling enabled
–0.3
VDDS
V
Voltage scaling disabled, internal reference
–0.3
1.49
Voltage scaling disabled, VDDS as reference
–0.3
VDDS / 2.9
Input level, RF pin
5
dBm
Tstg
Storage temperature
–40
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to ground, unless otherwise noted.
(3)
VDDS_DCDC, VDDS2 and VDDS3 must be at the same potential as VDDS.
(4)
Including analog capable DIOs.
(5)
Injection current is not supported on any GPIO pin
8.2 ESD Ratings
VALUE
UNIT
VESD
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS001(1)
All pins
±1000
V
Charged device model (CDM), per JESD22-C101(2)
All pins
±500
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
8.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Operating junction temperature(1)
–40
105
°C
Operating supply voltage (VDDS)
1.8
3.8
V
Rising supply voltage slew rate
0
100
mV/µs
Falling supply voltage slew rate
0
20
mV/µs
(1)
For thermal resistance characteristics refer to Section 8.8.
8.4 Power Supply and Modules
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
VDDS Power-on-Reset (POR) threshold
1.1
1.5
V
VDDS Brown-out Detector (BOD)
Rising threshold
1.77
V
VDDS Brown-out Detector (BOD), before initial boot (1)
Rising threshold
1.70
V
VDDS Brown-out Detector (BOD)
Falling threshold
1.75
V
(1)
Brown-out Detector is trimmed at initial boot, value is kept until device is reset by a POR reset or the nRESET pin
CC2652PSIP
SWRS263A – FEBRUARY 2021 – REVISED JUNE 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CC2652PSIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com