Electronic Components Datasheet Search
  English  ▼

X  

TMP126 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP126
Description  TMP126 Low-Power, 0.25째C SPI Temperature Sensor With 175째C Operation, CRC and Slew Rate Alert
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP126 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP126 Datasheet HTML 9Page - Texas Instruments TMP126 Datasheet HTML 10Page - Texas Instruments TMP126 Datasheet HTML 11Page - Texas Instruments TMP126 Datasheet HTML 12Page - Texas Instruments TMP126 Datasheet HTML 13Page - Texas Instruments TMP126 Datasheet HTML 14Page - Texas Instruments TMP126 Datasheet HTML 15Page - Texas Instruments TMP126 Datasheet HTML 16Page - Texas Instruments TMP126 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
Slew_Limit
Temperature
Temperature conversions
Slew_Status
Slew_Flag
SPI Read
Figure 8-3. Slew Rate Warning Timing Diagram
8.3.3 Cyclic Redundancy Check (CRC)
The TMP126 has integrated optional CRC that can be used to determine the integrity of the SPI communication
to the TMP126. The CRC is enabled by setting the CRC_Enable bit in the command word to 1 with an
appropriate data block length. During a read, the TMP126 will append a 16 bit CRC checksum to the data block
for the host to compare with its own checksum. In this manner the host can validate the data sent by TMP126
and read from the device again if necessary. During write operations, the host will send the CRC word that the
TMP126 will compare against its own checksum. If the TMP126 determines that the data sent during the write
transaction was corrupted, the TMP126 will discard the write and set the CRC_Flag in the Alert_Status register
to alert the host that the register settings must be sent again.
This allows the system to ensure the data integrity of the SPI communication in both write and read operations.
Writing to the configuration register with a CRC enabled transaction is currently not supported.
8.3.4 NIST Traceability
The accuracy of temperature testing is verified with equipment that is calibrated by an accredited lab that
complies with ISO/IEC 17025 policies and procedures. Each device is tested and trimmed to conform to its
respective data sheet specification limits.
8.3.5 Fast Measurement Intervals With No Self-Heating Concerns
The TMP126 is optimized to minimize the effects of self-heating and maintain the temperature accuracy if
the conversion period is greater than 31.25 ms in continuous conversion or one-shot mode. This eliminates
measurement waiting time normally needed for self-heating avoidance.
www.ti.com
TMP126
SNIS209C – JULY 2021 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMP126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com