Electronic Components Datasheet Search
  English  ▼

X  

TMP126 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMP126
Description  TMP126 Low-Power, 0.25째C SPI Temperature Sensor With 175째C Operation, CRC and Slew Rate Alert
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP126 Datasheet(HTML) 2 Page - Texas Instruments

  TMP126 Datasheet HTML 1Page - Texas Instruments TMP126 Datasheet HTML 2Page - Texas Instruments TMP126 Datasheet HTML 3Page - Texas Instruments TMP126 Datasheet HTML 4Page - Texas Instruments TMP126 Datasheet HTML 5Page - Texas Instruments TMP126 Datasheet HTML 6Page - Texas Instruments TMP126 Datasheet HTML 7Page - Texas Instruments TMP126 Datasheet HTML 8Page - Texas Instruments TMP126 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison......................................................... 3
6 Pin Configuration and Functions...................................3
7 Specifications.................................................................. 4
7.1 Absolute Maximum Ratings........................................ 4
7.2 ESD Ratings............................................................... 4
7.3 Recommended Operating Conditions.........................4
7.4 Thermal Information....................................................4
7.5 Electrical Characteristics.............................................5
7.6 SPI Interface Timing....................................................7
7.7 Timing Diagram...........................................................7
7.8 Typical Characteristics................................................ 7
8 Detailed Description......................................................10
8.1 Overview................................................................... 10
8.2 Functional Block Diagram......................................... 10
8.3 Feature Descriptions................................................. 11
8.4 Device Functional Modes..........................................14
8.5 Programming............................................................ 18
8.6 Register Map.............................................................25
9 Application and Implementation.................................. 36
9.1 Application Information............................................. 36
9.2 Typical Application.................................................... 36
10 Power Supply Recommendations..............................38
11 Layout........................................................................... 38
11.1 Layout Guidelines................................................... 38
11.2 Layout Example...................................................... 38
12 Device and Documentation Support..........................39
12.1 Documentation Support ......................................... 39
12.2 Receiving Notification of Documentation Updates..39
12.3 Support Resources................................................. 39
12.4 Trademarks.............................................................39
12.5 Electrostatic Discharge Caution..............................39
12.6 Glossary..................................................................39
13 Mechanical, Packaging, and Orderable
Information.................................................................... 39
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (February 2022) to Revision C (June 2022)
Page
• Changed data sheet status from: Advanced Information to: Production Data....................................................1
• Removed negative slew rate reporting limitation.............................................................................................. 12
• Removed restriction on CRC enabled writes to the configuration register....................................................... 13
• Updated NIST Traceability description............................................................................................................. 13
• Removed auto increment limitation when writing to the configuration register.................................................20
• Removed auto increment not clearing status register read limitation............................................................... 21
• Updated register map in accordance with TI guidelines................................................................................... 25
• Corrected bit range for the Reserved section of configuration register.............................................................25
Changes from Revision A (October 2021) to Revision B (February 2022)
Page
• Changed the Layout Example ......................................................................................................................... 38
Changes from Revision * (July 2021) to Revision A (October 2021)
Page
• Changed pin 2 in DCK (SC70) package from: ALERT to: GND ........................................................................ 3
• Changed pin 5 in DCK (SC70) package from: GND to: ALERT ........................................................................ 3
TMP126
SNIS209C – JULY 2021 – REVISED JUNE 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMP126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com