Electronic Components Datasheet Search
  English  ▼

X  

TMP126 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TMP126
Description  TMP126 Low-Power, 0.25째C SPI Temperature Sensor With 175째C Operation, CRC and Slew Rate Alert
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP126 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMP126 Datasheet HTML 25Page - Texas Instruments TMP126 Datasheet HTML 26Page - Texas Instruments TMP126 Datasheet HTML 27Page - Texas Instruments TMP126 Datasheet HTML 28Page - Texas Instruments TMP126 Datasheet HTML 29Page - Texas Instruments TMP126 Datasheet HTML 30Page - Texas Instruments TMP126 Datasheet HTML 31Page - Texas Instruments TMP126 Datasheet HTML 32Page - Texas Instruments TMP126 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
8.6.4 Configuration Register (Address = 03h) [reset = 0006h]
This register is used to configuration the operation of the TMP126.
Return to Register Map.
Figure 8-22. Configuration Register
15
14
13
12
11
10
9
8
Reserved
Reset
R-00h
R/W-0b
7
6
5
4
3
2
1
0
AVG
Reserved
Int_Comp
One_Shot
Mode
Conv_Period[2:0]
R/W-0b
R-0b
R/W-0b
R/W-0b
R/W-0b
R/W-110b
Table 8-8. Configuration Register Field Descriptions
Bit
Field
Type
Reset
Description
15:9
Reserved
R
00h
Reserved
8
Resets
R/W
0b
Software reset bit.
When set to 1b it triggers software reset with a duration of 0.5
ms.
This bit will always read back 0b
7
AVG
R/W
0b
Averaging enable bit. Averaging will force every measurement
including one-shot measurements to be averaged with eight
conversions.
0b: Averaging is disabled
1b: Averaging is enabled
6
Reserved
R
0b
Reserved
5
Int_Comp
R/W
0b
Interrupt or comparator mode select
0b = Interrupt mode
1b = Comparator mode
4
One_Shot
R/W
0b
One-shot conversion trigger. Triggering a one-shot conversion
will place the TMP126 into shutdown mode after the conversion
completes. This bit will always read 0h.
0b = Default
1b = Trigger a one-shot conversion
3
Mode
R/W
0b
Conversion mode selection bit.
0b = Continuous conversion mode
1b = Shutdown mode
2:0
Conv_Period[2:0]
R/W
110b
Conversion period setting. This bit field changes the conversion
period of the TMP126.
000b = 6 ms
001b = 31.25 ms / 32 Hz
010b = 62.5 ms / 16 Hz
011b = 125 ms / 8 Hz
100b = 250 ms / 4 Hz
101b = 500 ms / 2 Hz
110b = 1 s / 1 Hz
111b = 2 s / 0.5 Hz
www.ti.com
TMP126
SNIS209C – JULY 2021 – REVISED JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TMP126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com