Electronic Components Datasheet Search
  English  ▼

X  

TMP126 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMP126
Description  TMP126 Low-Power, 0.25째C SPI Temperature Sensor With 175째C Operation, CRC and Slew Rate Alert
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP126 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMP126 Datasheet HTML 16Page - Texas Instruments TMP126 Datasheet HTML 17Page - Texas Instruments TMP126 Datasheet HTML 18Page - Texas Instruments TMP126 Datasheet HTML 19Page - Texas Instruments TMP126 Datasheet HTML 20Page - Texas Instruments TMP126 Datasheet HTML 21Page - Texas Instruments TMP126 Datasheet HTML 22Page - Texas Instruments TMP126 Datasheet HTML 23Page - Texas Instruments TMP126 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
8.5.2.2 Communication
Communication is initiated by taking the CS pin low and clocking the SCLK pin. The first 16 bits of the
communication are the command word for the TMP126. The following data will depend on the command byte.
If a write command is issued, the TMP126 will store the data input during the next 16 bits into the appropriate
Sub-Address set in the command byte. If the auto-increment bit is set to 1, the address pointer is incremented
after every 16-bit word. This allows the system to program all the registers of the TMP126 in a single burst write
command. If the auto-increment is set to 1 for a read command, after each 16-bit word the address pointer is
incremented and the next word of data will be from the next Sub-Address.
The following sections denote example write and read operations with the TMP126.
8.5.2.3 Write Operations
Data is transmitted to the TMP126 by setting the R/W bit of the command word to 0. Data can be continuously
written to a single register by setting the auto-increment bit to 0 in the command register. Figure 8-11 shows an
example of a repeated data write to a single register.
R/W
Peripheral controls SIO line
Controller controls SIO line
Auto Increment
X
0
0
Sub-Address
A7
A6
A5
A4
A3
A2
A1
A0
CS pulled low
D15 D14 D13 D12 D11 D10 D9
D8
Data Word
D7
D6
D5
D4
D3
D2
D1
D0
Data to Register N
D15 D14 D13 D12 D11 D10 D9
D8
Data Word
D7
D6
D5
D4
D3
D2
D1
D0
Data to Register N
D15 D14 D13 D12 D11 D10 D9
D8
Data Word
D7
D6
D5
D4
D3
D2
D1
D0
Data to Register N
CS pulled high
CRC Data Block Length
CRC Enable
Don’t Care
CRC L4
L3
L1
L0
Figure 8-11. Repeated Data Write to a Single Register
Figure 8-12 shows how setting the auto increment to logic 1 to can enable a write from multiple registers in a
single transaction.
TMP126
SNIS209C – JULY 2021 – REVISED JUNE 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMP126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com