Electronic Components Datasheet Search
  English  ▼

X  

DS42MB200 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS42MB200
Description  Dual 4.25 Gb/s 1:2 Mux/Buffer with Input Equalization and Output Pre-Emphasis
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS42MB200 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button DS42MB200 Datasheet HTML 6Page - National Semiconductor (TI) DS42MB200 Datasheet HTML 7Page - National Semiconductor (TI) DS42MB200 Datasheet HTML 8Page - National Semiconductor (TI) DS42MB200 Datasheet HTML 9Page - National Semiconductor (TI) DS42MB200 Datasheet HTML 10Page - National Semiconductor (TI) DS42MB200 Datasheet HTML 11Page - National Semiconductor (TI) DS42MB200 Datasheet HTML 12Page - National Semiconductor (TI) DS42MB200 Datasheet HTML 13Page - National Semiconductor (TI) DS42MB200 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Timing Diagrams (Continued)
The DS42MB200 input equalizer provides equalization to
compensate about 5 dB of transmission loss from a short
backplane transmission line. For characterization purposes,
a 25-inch FR4 coupled micro-strip board trace is used in
place of the short backplane link. The 25-inch microstrip
board trace has approximately 5 dB of attenuation between
375 MHz and 1.875 GHz, representing closely the transmis-
sion loss of the short backplane transmission line. The 25-
inch microstrip is connected between the pattern generator
and the differential inputs of the DS42MB200 for AC mea-
surements.
20178635
FIGURE 3. Propagation Delay from input to output
20178639
FIGURE 4. Test condition for output pre-emphasis duration
20178634
FIGURE 5. AC Test Circuit
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com