Electronic Components Datasheet Search
  English  ▼

X  

DS42MB200 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS42MB200
Description  Dual 4.25 Gb/s 1:2 Mux/Buffer with Input Equalization and Output Pre-Emphasis
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS42MB200 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DS42MB200 Datasheet HTML 6Page - National Semiconductor (TI) DS42MB200 Datasheet HTML 7Page - National Semiconductor (TI) DS42MB200 Datasheet HTML 8Page - National Semiconductor (TI) DS42MB200 Datasheet HTML 9Page - National Semiconductor (TI) DS42MB200 Datasheet HTML 10Page - National Semiconductor (TI) DS42MB200 Datasheet HTML 11Page - National Semiconductor (TI) DS42MB200 Datasheet HTML 12Page - National Semiconductor (TI) DS42MB200 Datasheet HTML 13Page - National Semiconductor (TI) DS42MB200 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Timing Diagrams (Continued)
Trace Length
Finished Trace
Width W
Separation between
Traces
Dielectric Height H
Dielectric Constant
e
R
Loss Tangent
25 inches
8.5 mil
11.5 mil
6 mil
3.8
0.022
20178642
FIGURE 6. Data input and output eye patterns with driver set to 0 dB pre-emphasis
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com