Electronic Components Datasheet Search
  English  ▼

X  

PIB Datasheet(PDF) 3 Page - AiT Semiconductor Inc.

Part # PIB
Description  POWER INDUCTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

PIB Datasheet(HTML) 3 Page - AiT Semiconductor Inc.

  PIB Datasheet HTML 1Page - AiT Semiconductor Inc. PIB Datasheet HTML 2Page - AiT Semiconductor Inc. PIB Datasheet HTML 3Page - AiT Semiconductor Inc. PIB Datasheet HTML 4Page - AiT Semiconductor Inc. PIB Datasheet HTML 5Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
POWER INDUCTOR
PIB
PART NUMBER
L
(µH)
SRF
(MHz) typ
RDC
(Ω)Max
Isat
(A)
Irms
(A)
PIB1305-1R0M
1.0±20%
100
0.009
9.0
6.8
PIB1305-1R5M
1.5±20%
90
0.010
8.0
6.4
PIB1305-2R2M
2.2±20%
80
0.012
7.0
6.1
PIB1305-3R3M
3.3±20%
65
0.015
6.4
5.4
PIB1305-4R7M
4.7±20%
45
0.018
5.4
4.8
PIB1305-6R8M
6.8±20%
38
0.027
4.6
4.4
PIB1305-100M
10±20%
30
0.038
3.8
3.9
PIB1305-150M
15±20%
27
0.046
3.0
3.1
PIB1305-220M
22±20%
19
0.085
2.3
2.7
PIB1305-330M
33±20%
15
0.100
2.0
2.1
PIB1305-470M
47±20%
12
0.140
1.6
1.8
PIB1305-680M
68±20%
10
0.200
1.4
1.5
PIB1305-101M
100±20%
9
0.280
1.2
1.3
PIB1305-151M
150±20%
6
0.400
1.0
1.0
PIB1305-221M
220±20%
5
0.610
0.8
0.8
PIB1305-331M
330±20%
4.5
1.020
0.6
0.6
PIB1305-471M
470±20%
3.5
1.270
0.5
0.5
PIB1305-681M
680±20%
2.5
2.020
0.4
0.4
PIB1305-102M
1000±20%
2.0
3.00
0.30
0.30
PIB1305-152M
1500±20%
1.7
4.49
0.29
0.27
PIB1305-332M
3300±20%
1.1
8.97
0.19
0.17
Note: Measurement frequency of Inductance value : at 100kHz, 0.1V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com