Electronic Components Datasheet Search
  English  ▼

X  

PIB Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # PIB
Description  POWER INDUCTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

PIB Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  PIB Datasheet HTML 1Page - AiT Semiconductor Inc. PIB Datasheet HTML 2Page - AiT Semiconductor Inc. PIB Datasheet HTML 3Page - AiT Semiconductor Inc. PIB Datasheet HTML 4Page - AiT Semiconductor Inc. PIB Datasheet HTML 5Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
POWER INDUCTOR
PIB
●ELECTRICAL CHARACTERISTICS
PART NUMBER
L
(µH)
SRF
(MHz) typ
RDC
(Ω)Max
Isat
(A)
Irms
(A)
PIB0804-R18M
0.18±20%
800
0.003
14.00
10.00
PIB0804-R33M
0.33±20%
600
0.004
10.00
7.00
PIB0804-R56M
0.56±20%
200
0.010
7.70
6.00
PIB0804-1R2M
1.2±20%
140
0.017
5.30
4.40
PIB0804-2R2M
2.2±20%
100
0.035
3.50
3.10
PIB0804-3R3M
3.3±20%
80
0.040
3.00
2.70
PIB0804-4R7M
4.7±20%
50
0.054
2.60
2.20
PIB0804-6R8M
6.8±20%
45
0.080
2.20
1.80
PIB0804-100M
10±20%
40
0.111
1.90
1.50
PIB0804-150M
15±20%
30
0.170
1.50
1.20
PIB0804-220M
22±20%
25
0.250
1.20
1.00
PIB0804-330M
33±20%
20
0.350
0.99
0.82
PIB0804-470M
47±20%
15
0.470
0.87
0.72
PIB0804-680M
68±20%
10
0.730
0.67
0.56
PIB0804-101M
100±20%
8
1.110
0.53
0.47
Note: Measurement frequency of Inductance value : at 100kHz, 0.1V
PART NUMBER
L
(µH)
SRF
(MHz) typ
RDC
(Ω)Max
Isat
(A)
Irms
(A)
PIB1303-4R7M
4.7±20%
50
0.036
4.2
3.2
PIB1303-6R8M
6.8±20%
47
0.060
3.9
2.6
PIB1303-100M
10±20%
37
0.085
2.7
2.3
PIB1303-150M
15±20%
35
0.120
2.3
1.9
PIB1303-220M
22±20%
26
0.180
1.8
1.5
PIB1303-330M
33±20%
19
0.250
1.6
1.2
PIB1303-470M
47±20%
14
0.320
1.3
1.0
PIB1303-680M
68±20%
12
0.540
1.1
0.9
PIB1303-101M
100±20%
11
0.690
0.87
0.73
PIB1303-151M
150±20%
9
0.940
0.74
0.62
PIB1303-221M
220±20%
6
1.600
0.56
0.51
PIB1303-331M
330±20%
5.5
2.150
0.50
0.40
PIB1303-471M
470±20%
4.5
3.300
0.40
0.33
PIB1303-681M
680±20%
3.5
4.400
0.33
0.28
PIB1303-102M
1000±20%
2.5
7.000
0.29
0.23
Note: Measurement frequency of Inductance value: at 100kHz, 0.1V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com