Electronic Components Datasheet Search
  English  ▼

X  

PIB Datasheet(PDF) 4 Page - AiT Semiconductor Inc.

Part # PIB
Description  POWER INDUCTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

PIB Datasheet(HTML) 4 Page - AiT Semiconductor Inc.

  PIB Datasheet HTML 1Page - AiT Semiconductor Inc. PIB Datasheet HTML 2Page - AiT Semiconductor Inc. PIB Datasheet HTML 3Page - AiT Semiconductor Inc. PIB Datasheet HTML 4Page - AiT Semiconductor Inc. PIB Datasheet HTML 5Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
POWER INDUCTOR
PIB
PART NUMBER
L
(µH)
SRF
(MHz) typ
RDC
(
Ω)Max
Isat
(A)
Irms
(A)
PIB1311-100M
10±20%
22
0.040
8.0
3.50
PIB1311-150M
15±20%
18
0.050
7.0
3.00
PIB1311-220M
22±20%
11
0.066
5.5
2.50
PIB1311-330M
33±20%
9
0.080
4.0
2.00
PIB1311-470M
47±20%
8
0.110
3.8
1.60
PIB1311-680M
68±20%
7
0.170
3.0
1.20
PIB1311-101M
100±20%
5
0.220
2.5
1.20
PIB1311-151M
150±20%
4
0.340
2.0
0.90
PIB1311-221M
220±20%
3.5
0.440
1.6
0.70
PIB1311-331M
330±20%
2.5
0.700
1.2
0.60
PIB1311-471M
470±20%
2
0.950
1.0
0.30
PIB1311-681M
680±20%
2
1.200
1.0
0.20
PIB1311-102M
1000±20%
1.5
2.000
0.8
0.10
Note: Measurement frequency of Inductance value: at 100kHz, 0.1V
PART NUMBER
L
(μH)
SRF
(MHz) typ
RDC
(Ω)Max
Isat
(A)
Irms
(A)
PIB1807-1R0M
1.0±20%
80
0.009
20
8.60
PIB1807-2R2M
2.2±20%
80
0.014
16
7.10
PIB1807-3R3M
3.3±20%
60
0.018
14
6.20
PIB1807-5R6M
5.6±20%
40
0.020
12
5.30
PIB1807-8R2M
8.2±20%
30
0.029
10
4.80
PIB1807-100M
10±20%
30
0.031
10
4.30
PIB1807-150M
15±20%
22
0.036
8.0
4.00
PIB1807-220M
22±20%
20
0.047
7.0
3.50
PIB1807-330M
33±20%
15
0.066
5.5
3.00
PIB1807-470M
47±20%
9
0.086
4.5
2.60
PIB1807-680M
68±20%
8
0.130
3.5
2.30
PIB1807-101M
100±20%
7
0.190
3.0
1.80
PIB1807-151M
150±20%
6
0.250
2.6
1.50
PIB1807-221M
220±20%
5
0.380
2.4
1.20
PIB1807-331M
330±20%
4
0.560
1.9
1.00
PIB1807-471M
470±20%
3
0.850
1.4
0.82
PIB1807-681M
680±20%
2.5
1.100
1.2
0.72
PIB1807-102M
1000±20%
2
1.800
1.0
0.56
Note: Measurement frequency of Inductance value: at 100kHz, 0.1V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com