Electronic Components Datasheet Search
  English  ▼

X  

PIB Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # PIB
Description  POWER INDUCTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

PIB Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  PIB Datasheet HTML 1Page - AiT Semiconductor Inc. PIB Datasheet HTML 2Page - AiT Semiconductor Inc. PIB Datasheet HTML 3Page - AiT Semiconductor Inc. PIB Datasheet HTML 4Page - AiT Semiconductor Inc. PIB Datasheet HTML 5Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
POWER INDUCTOR
PIB
●FEATURE
1.
High current capacity and Low DCR
2.
High heat resistance, ideal for reflow soldering
3.
High reliability
4.
Achieve longer life significantly in handheld communication devices
●APPLICATION
1.
DC-DC converter, PDA, Cellular Phone
2.
Set top box, Notebook and Server
●ORDERING INFORMATION
PIB0804
-R15
T
PN
Inductance
M:±20%
●SHAPE AND DIMENSION
●SCHEMATICS AND LAND PATTERNS(mm)
●SPECIFICATION
Dimension in mm
TYPE
A
B
C
D
E
F
G
I
H
PIB0804
8.89MAX
6.10MAX
4.70MAX
1.18
1.18
5.00
10.80
4.80
3.00
PIB1303
13.0MAX
9.5MAX
3.00MAX
2.54
2.54
7.62
13.00
7.62
3.00
PIB1305
13.0MAX
9.5MAX
5.12MAX
2.54
2.54
7.62
13.00
7.62
3.00
PIB1311
13.0MAX
9.5MAX
11.5MAX
2.54
2.54
7.62
13.00
7.62
3.00
PIB1807
18.6 Max
15.3 Max
7.11 Max
2.54
2.54
12.7
18.7
12.7
3.00
Note1. Measurement ambient temperature of L, DCR and IDC: at 25°C
Note2. Isat: DC current at which the inductance drops 10%(typ) from its value without current
Note3. Irms: Average current for 40°C temperature rise from 25°C ambient
Note4. Inductance tolerance: M: ±20%


Similar Part No. - PIB

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIB0402MP SUPERWORLD-PIB0402MP Datasheet
367Kb / 8P
MOLDED POWER CHOKE COIL
PIB0402MP1R0MN SUPERWORLD-PIB0402MP1R0MN Datasheet
367Kb / 8P
MOLDED POWER CHOKE COIL
PIB0402MP2R2MN SUPERWORLD-PIB0402MP2R2MN Datasheet
367Kb / 8P
MOLDED POWER CHOKE COIL
PIB0402MP3R3MN SUPERWORLD-PIB0402MP3R3MN Datasheet
367Kb / 8P
MOLDED POWER CHOKE COIL
PIB0402MP4R7MN SUPERWORLD-PIB0402MP4R7MN Datasheet
367Kb / 8P
MOLDED POWER CHOKE COIL
More results

Similar Description - PIB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R0612-8R2K ETC1-R0612-8R2K Datasheet
38Kb / 1P
Power Inductor
logo
Sumida Corporation
CDRC62 SUMIDA-CDRC62 Datasheet
228Kb / 2P
Power Inductor
CDRR127 SUMIDA-CDRR127 Datasheet
32Kb / 1P
Power Inductor
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C2DEP1010 SUMIDA-C2DEP1010 Datasheet
206Kb / 3P
Power Inductor
CDEP1411 SUMIDA-CDEP1411 Datasheet
222Kb / 4P
Power Inductor
CDRH8D38A SUMIDA-CDRH8D38A_11 Datasheet
170Kb / 4P
Power Inductor
CDRR75 SUMIDA-CDRR75 Datasheet
174Kb / 4P
Power Inductor
CDRR107 SUMIDA-CDRR107_11 Datasheet
153Kb / 4P
Power Inductor
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com