Electronic Components Datasheet Search
  English  ▼

X  

AD824 Datasheet(PDF) 7 Page - Analog Devices

Part # AD824
Description  Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD824 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD824 Datasheet HTML 3Page - Analog Devices AD824 Datasheet HTML 4Page - Analog Devices AD824 Datasheet HTML 5Page - Analog Devices AD824 Datasheet HTML 6Page - Analog Devices AD824 Datasheet HTML 7Page - Analog Devices AD824 Datasheet HTML 8Page - Analog Devices AD824 Datasheet HTML 9Page - Analog Devices AD824 Datasheet HTML 10Page - Analog Devices AD824 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
AD824
TYPICAL PERFORMANCE CHARACTERISTICS
0
20
180
90
135
45
40
60
80
100
10M
1M
100k
10k
1k
FREQUENCY (Hz)
10
0%
100
90
1µs
50mV
VS = ±15V
NO LOAD
Figure 3. Open-Loop Gain/Phase and Small Signal Response, VS = ±15 V,
No Load
0
20
180
90
135
45
40
60
80
100
10M
1M
100k
10k
1k
FREQUENCY (Hz)
VS = ±15V
CL = 100pF
10
0%
100
90
1µs
50mV
Figure 4. Open-Loop Gain/Phase and Small Signal Response, VS = ±15 V,
CL = 100 pF
0
20
180
90
135
45
40
60
80
100
10M
1M
100k
10k
1k
FREQUENCY (Hz)
VS = 5V
NO LOAD
0%
100
90
1µs
50mV
10
Figure 5. Open-Loop Gain/Phase and Small Signal Response, VS = 5 V,
No Load
–20
0
180
90
135
45
20
40
60
1k
10M
1M
100k
10k
FREQUENCY (Hz)
VS = 5V
CL = 220pF
0%
100
90
1µs
50mV
10
Figure 6. Open-Loop Gain/Phase and Small Signal Response, VS = 5 V,
CL = 220 pF
Rev. E | Page 7 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com