Electronic Components Datasheet Search
  English  ▼

X  

AD824 Datasheet(PDF) 3 Page - Analog Devices

Part # AD824
Description  Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD824 Datasheet(HTML) 3 Page - Analog Devices

  AD824 Datasheet HTML 1Page - Analog Devices AD824 Datasheet HTML 2Page - Analog Devices AD824 Datasheet HTML 3Page - Analog Devices AD824 Datasheet HTML 4Page - Analog Devices AD824 Datasheet HTML 5Page - Analog Devices AD824 Datasheet HTML 6Page - Analog Devices AD824 Datasheet HTML 7Page - Analog Devices AD824 Datasheet HTML 8Page - Analog Devices AD824 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
AD824
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
At VS = 5.0 V, VCM = 0 V, VOUT = 0.2 V, TA = 25°C; unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage (AD824A)
VOS
0.1
1.0
mV
TMIN to TMAX
1.5
mV
Input Bias Current
IB
2
12
pA
TMIN to TMAX
300
4000
pA
Input Offset Current
IOS
2
10
pA
TMIN to TMAX
300
pA
Input Voltage Range
−0.2
+3.0
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 2 V
66
80
dB
VCM = 0 V to 3 V
60
74
dB
TMIN to TMAX
60
dB
Input Impedance
1013||3.3
Ω||pF
Large Signal Voltage Gain
AVO
VO = 0.2 V to 4.0 V
RL = 2 kΩ
20
40
V/mV
RL = 10 kΩ
50
100
V/mV
RL = 100 kΩ
250
1000
V/mV
TMIN to TMAX, RL = 100 kΩ
180
400
V/mV
Offset Voltage Drift
ΔVOS/ΔT
2
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
ISOURCE = 20 µA
4.975
4.988
V
TMIN to TMAX
4.97
4.985
V
ISOURCE = 2.5 mA
4.80
4.85
V
TMIN to TMAX
4.75
4.82
V
Output Voltage Low
VOL
ISINK = 20 µA
15
25
mV
TMIN to TMAX
20
30
mV
ISINK = 2.5 mA
120
150
mV
TMIN to TMAX
140
200
mV
Short Circuit Limit
ISC
Sink/source
±12
mA
TMIN to TMAX
±10
mA
Open-Loop Impedance
ZOUT
f = 1 MHz, AV = 1
100
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.7 V to 12 V
70
80
dB
TMIN to TMAX
66
dB
Supply Current/Amplifier
ISY
TMIN to TMAX
500
600
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 kΩ, AV = 1
2
V/µs
Full-Power Bandwidth
BWP
1% distortion, VO = 4 V p-p
150
kHz
Settling Time
tS
VOUT = 0.2 V to 4.5 V, to 0.01%
2.5
µs
Gain Bandwidth Product
GBP
2
MHz
Phase Margin
φo
No load
50
Degrees
Channel Separation
CS
f = 1 kHz, RL = 2 kΩ
–123
dB
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
2
µV p-p
Voltage Noise Density
en
f = 1 kHz
16
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.8
fA/√Hz
Total Harmonic Distortion
THD
f = 10 kHz, RL = ∞, AV = +1
0.005
%
Rev. E | Page 3 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com