Electronic Components Datasheet Search
  English  ▼

X  

AD824 Datasheet(PDF) 2 Page - Analog Devices

Part # AD824
Description  Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD824 Datasheet(HTML) 2 Page - Analog Devices

  AD824 Datasheet HTML 1Page - Analog Devices AD824 Datasheet HTML 2Page - Analog Devices AD824 Datasheet HTML 3Page - Analog Devices AD824 Datasheet HTML 4Page - Analog Devices AD824 Datasheet HTML 5Page - Analog Devices AD824 Datasheet HTML 6Page - Analog Devices AD824 Datasheet HTML 7Page - Analog Devices AD824 Datasheet HTML 8Page - Analog Devices AD824 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD824
Data Sheet
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Pin Configuration............................................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Specifications............................................................... 3
Absolute Maximum Ratings............................................................ 6
Thermal Resistance ...................................................................... 6
ESD Caution.................................................................................. 6
Typical Performance Characteristics ............................................. 7
Theory of Operation ...................................................................... 12
Input Characteristics.................................................................. 12
Output Characteristics............................................................... 12
Applications Information .............................................................. 13
Single Supply Voltage-to-Frequency Converter..................... 13
Single Supply Programmable Gain Instrumentation
Amplifier ..................................................................................... 13
3 V, Single Supply Stereo Headphone Driver ......................... 14
Low Dropout Bipolar Bridge Driver........................................ 14
A 3.3 V/5 V Precision Sample-and-Hold Amplifier.............. 15
Outline Dimensions....................................................................... 16
Ordering Guide .......................................................................... 16
REVISION HISTORY
4/15—Rev. D to Rev. E
Change to Figure 1 Caption ............................................................ 1
5/14—Rev. C to Rev. D
Updated Format..................................................................Universal
Removed 16-Lead SOIC Package (Throughout).......................... 1
Deleted Wafer Test Limits Section ................................................. 5
Deleted AD824 SPICE Macro-model Section............................ 15
Changes to Ordering Guide .......................................................... 16
2/03—Rev. B to Rev. C
Deleted N Package..............................................................Universal
Edits to General Description........................................................... 1
Edits to Absolute Maximum Ratings ............................................. 5
Edits to Ordering Guide .................................................................. 5
Edits to Figure 4.............................................................................. 12
Edits to Figure 8.............................................................................. 13
Updated Outline Dimensions....................................................... 16
1/02—Rev. A to Rev. B
Edits to Electrical Specifications................................................. 2, 3
Edits to Absolute Maximum Ratings ............................................. 5
Edits to Ordering Guide .................................................................. 5
Deleted Dice Characteristics........................................................... 5
Rev. E | Page 2 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com